Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6610N Datasheet (PDF) - STMicroelectronics

L6610N Datasheet PDF - STMicroelectronics
Part # L6610N
Download  L6610N Download
File Size   544.95 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER

L6610N Datasheet (PDF)

Go To PDF Page Download Datasheet
L6610N Datasheet PDF - STMicroelectronics

Part # L6610N
Download  L6610N Click to download

File Size   544.95 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER

L6610N Datasheet (HTML) - STMicroelectronics


L6610N Product details

DESCRIPTION
The L6610 is a control and housekeeping IC developed in BCD technology; it is intended for acting at the secondary side of desktop PCs or servers switching power supplies, in presence of standard voltage rails (+3.3V, ±5V, ±12V) generated by a main converter and of a supply line generated by an auxiliary converter. The typical application circuit is showed on the front page.
   
■ OV/UV DETECTION FOR 3.3V, ±5V, ±12V
    RAILS AND 5V (OR 3.3V) AUX. VOLTAGE
■ OC DETECTION ON 12V AND 5V (OR 3.3V)
    RAILS
■ AC MAINS UV (BROWNOUT) DETECTION
    WITH HYSTERESIS
■ ON-LINE DIGITAL TRIMMING FOR 5V/12V,
    3.3V, 5V (OR 3.3V) AUX. FEEDBACK
    REFERENCES AND AC MAINS UV.
■ DIGITALLY SELECTABLE OPTIONS
■ ERROR AMPLIFIERS FOR 5V/12V RAILS
    (MAIN SUPPLY), 3V3 POST-REGULATOR
    (MAG_AMP OR LINEAR) AND AUXILIARY
    SUPPLY.
■ MAIN SUPPLY ON/OFF CONTROL AND
    POWER GOOD SIGNAL
■ 50mA CROWBAR DRIVE FOR AUXILIARY
    OUTPUT OVP.
■ OPEN GROUND PROTECTION
■ 8ms DIGITAL SOFT START
■ 64 ms UV/OC BLANKING AT START-UP
   
APPLICATIONS
■ SWITCHING POWER SUPPLIES FOR
    DESKTOP PCS, SERVERS AND WEB
    SERVERS
■ SUPERVISOR FOR DISTRIBUTED POWER
   




Similar Part No. - L6610N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6611D STMICROELECTRONICS-L6611D Datasheet
609Kb / 28P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6611DTR STMICROELECTRONICS-L6611DTR Datasheet
609Kb / 28P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6611N STMICROELECTRONICS-L6611N Datasheet
609Kb / 28P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
HIGH/LOW SIDE LOAD SHARE CONTROLLER
Jul-2003
More results


Similar Description - L6610N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
logo
Analog Devices
AD9500 AD-AD9500 Datasheet
131Kb / 11P
Digitally Programmable Delay Generator
REV.D
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
Secondary Side Housekeeping Circuit
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261 Datasheet
95Kb / 15P
Dual Digitally Programmable Potentiometer
logo
EM Microelectronic - MA...
EM6124 EMMICRO-EM6124 Datasheet
2Mb / 25P
Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
5/04-Changed from Rev. Sp0 to Rev. A
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
logo
Analog Devices
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com