Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9500 Datasheet (PDF) - Analog Devices

AD9500 Datasheet PDF - Analog Devices
Part # AD9500
Download  AD9500 Download
File Size   131.98 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digitally Programmable Delay Generator

AD9500 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9500 Datasheet PDF - Analog Devices

Part # AD9500
Download  AD9500 Click to download

File Size   131.98 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digitally Programmable Delay Generator

AD9500 Datasheet (HTML) - Analog Devices


AD9500 Product details

GENERAL DESCRIPTION

The AD9500 is a digitally programmable delay generator, which provides programmed delays, selected through an 8-bit digital code, in resolutions as small as 10 ps. The AD9500 is constructed in a high performance bipolar process, designed to provide high speed operation for both digital and analog circuits.

The AD9500 employs differential TRIGGER and RESET inputs which are designed primarily for ECL signal levels but function with analog and TTL input levels. An onboard ECL reference midpoint allows both of the inputs to be driven by either single ended or differential ECL circuits. The AD9500 output is a complementary ECL stage, which also provides a QR parallel output circuit to facilitate reset timing implementations.

The digital control data is passed to the AD9500 through a transparent latch controlled by the LATCH ENABLE signal. In the transparent mode, the internal DAC of the AD9500 will attempt to follow changes at the inputs. The LATCH ENABLE is otherwise used to strobe the digital data into the AD9500 latches.



FEATURES

  10 ps Delay Resolution

  2.5 ns to 10 ms Full-Scale Range

  Fully Differential Inputs

  Separate Trigger and Reset Inputs

  Low Power Dissipation—310 mW

  MIL-STD-883 Compliant Versions Available



APPLICATIONS

  ATE

  Pulse Deskewing

  Arbitrary Waveform Generators

  High Stability Timing Source

  Multiple Phase Clock Generators



 




Similar Part No. - AD9500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9500 AD-AD9500_15 Datasheet
140Kb / 11P
Digitally Programmable Delay Generator
REV. D
More results


Similar Description - AD9500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9501 AD-AD9501 Datasheet
180Kb / 12P
Digitally Programmable Delay Generator
REV.A
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261 Datasheet
95Kb / 15P
Dual Digitally Programmable Potentiometer
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
logo
Data Delay Devices, Inc...
PDU-1316 DATADELAY-PDU-1316 Datasheet
84Kb / 1P
Digitally Programmable Delay Units
logo
Analog Devices
AD9501 AD-AD9501_15 Datasheet
189Kb / 12P
Digitally Programmable Delay Generator
REV. B
AD9500 AD-AD9500_15 Datasheet
140Kb / 11P
Digitally Programmable Delay Generator
REV. D
logo
ON Semiconductor
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
logo
Maxim Integrated Produc...
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com