Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet (PDF) - Analog Devices

AD9501 Datasheet PDF - Analog Devices
Part # AD9501
Download  AD9501 Download
File Size   180.26 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digitally Programmable Delay Generator

AD9501 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9501 Datasheet PDF - Analog Devices

Part # AD9501
Download  AD9501 Click to download

File Size   180.26 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digitally Programmable Delay Generator

AD9501 Datasheet (HTML) - Analog Devices


AD9501 Product details

GENERAL DESCRIPTION
The AD9501 is a digitally programmable delay generator which provides programmed time delays of an input pulse. Operating from a single +5 V supply, the AD9501 is TTL- or CMOS compatible, and is capable of providing accurate timing adjustments with resolutions as low as 10 ps. Its accuracy and programmability make it ideal for use in data deskewing and pulse delay applications, as well as clock timing adjustments.

FEATURES
    Single +5 V Supply
    TTL and CMOS Compatible
    10 ps Delay Resolution
    2.5 ns to 10 μs Full-Scale Range
    Maximum Trigger Rate 50 MHz
    MIL-STD-883-Compliant Versions Available

APPLICATIONS
    Disk Drive Deskewing
    Data Communications
    Test Equipment
    Radar I & Q Matching




Similar Part No. - AD9501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9501 AD-AD9501 Datasheet
189Kb / 12P
Digitally Programmable Delay Generator
REV. B
AD9501 AD-AD9501_15 Datasheet
189Kb / 12P
Digitally Programmable Delay Generator
REV. B
More results


Similar Description - AD9501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9500 AD-AD9500 Datasheet
131Kb / 11P
Digitally Programmable Delay Generator
REV.D
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261 Datasheet
95Kb / 15P
Dual Digitally Programmable Potentiometer
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
logo
Data Delay Devices, Inc...
PDU-1316 DATADELAY-PDU-1316 Datasheet
84Kb / 1P
Digitally Programmable Delay Units
logo
Analog Devices
AD9501 AD-AD9501_15 Datasheet
189Kb / 12P
Digitally Programmable Delay Generator
REV. B
AD9500 AD-AD9500_15 Datasheet
140Kb / 11P
Digitally Programmable Delay Generator
REV. D
logo
ON Semiconductor
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
logo
Maxim Integrated Produc...
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com