Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9501 Datasheet HTML 3Page - Analog Devices AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices AD9501 Datasheet HTML 10Page - Analog Devices AD9501 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD9501
REV. A
–7–
Ramp charging current and DAC full-scale current are slaved
together in the AD9501 to minimize delay drift over tempera-
ture. To preserve the unit’s low drift performance, both RSET
and CEXT should have low temperature coefficients. Resistors
which are used should be 1% metal film types.
The programmed delay (tD) is set by the DAC inputs, D0–D7.
Graph 1. RC Values vs. Full-Scale Delay Range (tDFS)
The minimum delay through the AD9501 corresponds to an
input code of 00H, and FFH gives the full-scale delay. Any
programmed delay can be approximated by:
tD = (DAC code /256) × tDFS
Total delay through the AD9501 for any given DAC code is
equal to:
tTOTAL = tD + tPD
As shown on the block diagram, TTL/CMOS latches are
included to store the digital delay data. Data is latched when
LATCH is HIGH. When LATCH is LOW, the latches are
transparent, and the DAC will attempt to follow any changes on
inputs D0–D7.
The System Timing Diagram, Figure 3, shows the timing
relationship between the input data and the latch. The DAC
settling time (tLD) is approximately 30 ns. After the digital
(Programmed Delay) data is updated, a minimum 30 ns must
elapse between the time LATCH goes high and the arrival of a
TRIGGER pulse to assure rated pulse delay accuracy.
When RESET goes HIGH, the ramp timing capacitor (CEXT +
8.5 pF) is discharged. The RESET input is level-sensitive, and
overrides the TRIGGER input. Therefore, any trigger pulse
which occurs when RESET is HIGH will not produce an output
pulse. As shown on the system timing diagram, Figure 3, the
next trigger pulse should not occur before the Linear Ramp
Settling Time (tLRS) interval is completed to assure rated pulse
delay accuracy.
Figure 3. AD9501 System Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com