Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 4 Page - Analog Devices

  AD9501 Datasheet HTML 1Page - Analog Devices AD9501 Datasheet HTML 2Page - Analog Devices AD9501 Datasheet HTML 3Page - Analog Devices AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9501
REV. A
–4–
AD9501 PIN DESCRIPTIONS
Pin No.
Name
Function
1+VS
Positive voltage supply; nominally +5 V.
2
LATCH
TTL/CMOS register control line. Logic HIGH latches input data D0–D7. Register is
transparent for logic LOW.
3
TRIGGER
TTL/CMOS-compatible input. Rising edge triggers the internal ramp generator, and begins
the delay cycle.
4
RESET
TTL/CMOS-compatible input. Logic HIGH resets the ramp voltage and OUTPUT.
5
DAC OUTPUT
Output voltage of the internal digital-to-analog converter.
6CEXT
Optional external capacitor connected to +VS; used with RSET and 8.5 pF internal capacitor
to determine full-scale delay range (tDFS).
7RSET
External resistor to ground, used to determine full-scale delay range (tDFS).
8
OFFSET ADJUST Normally connected to GROUND. Can be used to adjust minimum propagation delay (tPD);
see Theory of Operation text.
9
GROUND
Circuit ground return.
10
OUTPUT
TTL-compatible delayed output pulse.
11
+VS
Positive voltage supply; nominally +5 V.
12-19
D0–D7
TTL/CMOS-compatible inputs, used to set the programmed delay of the AD9501 delayed
output. D0 is LSB and D7 is MSB.
20
GROUND
Circuit ground return.
AD9501 Equivalent Circuits
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9501 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com