Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 3 Page - Analog Devices

  AD9501 Datasheet HTML 1Page - Analog Devices AD9501 Datasheet HTML 2Page - Analog Devices AD9501 Datasheet HTML 3Page - Analog Devices AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9501
REV. A
–3–
Package
Device
Temperature
Description
Option*
AD9501JN
0
°C to +70°C
20-Pin Plastic DIP
N-20
AD9501JP
0
°C to +70°C
20-Lead PLCC
P-20A
AD9501JQ
0
°C to +70°C
20-Pin Ceramic DIP
Q-20
AD9501SQ
–55
°C to +125°C 20-Pin Ceramic DIP
Q-20
*N = Plastic DIP; P = Plastic Leaded Chip Carrier; Q = Cerdip.
NOTES
1Absolute maximum ratings are limiting values, to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional operability
is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability.
2Typical thermal impedances: 20-lead plastic leaded chip carrier
θ
JA= 73°C/W; θJC= 29°C/W. 20-pin ceramic DIP θJA= 65°C/W; θJC= 20°C/W. 20-pin plastic DIP
θ
JA= 65°C/W; θJC= 26°C/W.
3Digital data inputs must remain stable for the specified time prior to the positive transition of the LATCH signal.
4Digital data inputs must remain stable for the specified time after the positive transition of the LATCH signal.
5Programmed delay (t
D) = 0 ns. Maximum self-resetting trigger rate is limited to 6.9 MHz with 100 ns programmed delay. If t D= 0 ns and external RESET signal is
used, maximum trigger rate is 23 MHz.
6Programmed delay (t
D) = 0 ns. In operation, any programmed delays are in addition to the minimum propagation delay (t PD).
7Programmed delay (t
D) = 0 ns. [Minimum propagation delay (t PD)].
8Measured from 50% transition point of the RESET signal input to the 50% transition point of the falling edge of the output.
9Minimum time from the falling edge of RESET to the triggering input to insure valid output pulse, using external RESET pulse.
10Minimum time from triggering event to rising edge of RESET to insure valid output event, using external RESET pulse. Extends to 125 ns when programmed delay
is 100 ns.
11When self-resetting with a full-scale programmed delay.
12Measured from +0.4 V to +2.4 V; source = 1 mA; sink = 4 mA.
13Measured from the data input to the time when the AD9501 becomes 8-bit accurate, after a full-scale change in the program delay data word.
14Measured from the RESET input to the time when the AD9501 becomes 8-bit accurate, after a full-scale programmed delay.
15Supply voltage should remain stable within
±5% for normal operation.
16Measured at +V
S = +5.0 V ± 5%; specification shown is for worst case.
Specifications subject to change without notice.
EXPLANATION OF TEST LEVELS
Test Level
I
–
100% production tested.
II –
100% production tested at +25
°C, and sample tested at specified
temperatures.
III –
Sample tested only.
IV –
Parameter is guaranteed by design and characterization testing.
V –
Parameter is a typical value only.
VI –
All devices are 100% production tested at +25
°C. 100% production
tested at temperature extremes for extended temperature devices;
sample tested at temperature extremes for commercial/industrial
devices.
ORDERING GUIDE
DIE LAYOUT AND MECHANICAL INFORMATION
MECHANICAL INFORMATION
Die Dimensions . . . . . . . . . . . . . . . . . . 89
× 153 × 15 (±2) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
× 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . Ground
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Oxynitride
Die Attach . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold Eutectic
Bond Wire . . . . . . . . 1.25 mil, Aluminum; Ultrasonic Bonding
or 1 mil, Gold; Gold Ball Bonding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com