Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 2 Page - Analog Devices

  AD9501 Datasheet HTML 1Page - Analog Devices AD9501 Datasheet HTML 2Page - Analog Devices AD9501 Datasheet HTML 3Page - Analog Devices AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
AD9501–SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
1
Positive Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Digital Input Voltage Range . . . . . . . . . . . . . . . –0.5 V to +VS
Trigger/Reset Input Volt. Range . . . . . . . . . . . . –0.5 V to +VS
Minimum RSET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Ω
Digital Output Current (Sourcing) . . . . . . . . . . . . . . . 10 mA
Digital Output Current (Sinking) . . . . . . . . . . . . . . . . 50 mA
Operating Temperature Range
AD9501JN/JP/JQ . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD9501SQ . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature
2
. . . . . . . . . . . . . . . . . . . . . . . +175
°C
Lead Soldering Temperature (10 sec) . . . . . . . . . . . . +300
°C
ELECTRICAL CHARACTERISTICS
[+VS = +5 V; CEXT = Open; RSET = 3090
Ω (Full-Scale Range =100 ns); Pin 8 grounded; and
device output connected to Pin 4 RESET input unless otherwise noted]
0 C to +70 C
–55 C to +125 C
Test
AD9501JN/JP/JQ
AD9501SQ
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
8
8
Bits
ACCURACY
Differential Nonlinearity
+25
°C
I
0.5
0.5
LSB
Integral Nonlinearity
+25
°C
I
1
1
LSB
Monotonicity
+25
°C
I
Guaranteed
Guaranteed
DIGITAL INPUTS
Latch Input “1” Voltage
Full
VI
2.0
2.3
V
Latch Input “0” Voltage
Full
VI
0.8
0.8
V
Logic “1” Voltage
Full
VI
2.0
2.0
V
Logic “0” Voltage
Full
VI
0.8
0.8
V
Logic “1” Current
Full
VI
60
60
µA
Logic “0” Current
Full
VI
3
3
µA
Digital Input Capacitance
+25
°C
IV
5.5
5.5
pF
Data Setup Time (tS)
3
+25
°C
V
2.5
2.5
ns
Data Hold Time (tH)
4
+25
°C
V
2.5
2.5
ns
Latch Pulse Width (tL)
+25
°C
V
3.5
3.5
ns
Reset/Trigger Pulse Width (tR, tT)
+25
°CV
2
2
ns
DYNAMIC PERFORMANCE
Maximum Trigger Rate
5
+25
°C
IV
1822
1822
MHz
Minimum Propagation Delay (tPD)
6
+25
°C
I
25
30
25
30
ns
Propagation Delay Tempco
7
Full
V
25
25
ps/
°C
Full-Scale Range Tempco
Full
V
36
36
ps/
°C
Delay Uncertainty
+25
°C
V
53
53
ps
Reset Propagation Delay (tRD)
8
+25
°C
I
14.5
17.5
14.5
17.5
ns
Reset-to-Trigger Holdoff (tTHO)
9
+25
°C
V
4.5
4.5
ns
Trigger-to-Reset Holdoff (tRHO)
10
+25
°C
V
19
19
ns
Minimum Output Pulse Width
11
+25
°C
V
7.5
7.5
ns
Output Rise Time
12
+25
°C
I
2.3
3.5
2.3
3.5
ns
Output Fall Time
12
+25
°C
I
1.0
2.0
1.0
2.0
ns
DAC Settling Time (tLD)
13
+25
°C
V
30
30
ns
Linear Ramp Settling Time (tLRS)
14
+25
°C
V
20
20
ns
DIGITAL OUTPUT
Logic “1” Voltage (Source 1 mA)
Full
VI
2.4
2.4
V
Logic “0” Voltage (Sink 4 mA)
Full
VI
0.24
0.4
0.24
0.5
V
POWER SUPPLY
15
Positive Supply Current (+5.0 V)
Full
VI
69.5
83
69.5
83
mA
Power Dissipation
Full
VI
415
415
mW
Power Supply Rejection Ratio
16
Full-Scale Range Sensitivity
+25
°C
I
0.7
2.0
0.7
2.0
ns/V
Minimum Prop Delay Sensitivity
+25
°C
I
0.45
1.7
0.45
1.7
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com