Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices AD9501 Datasheet HTML 10Page - Analog Devices AD9501 Datasheet HTML 11Page - Analog Devices AD9501 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD9501
REV. A
–8–
For most applications, OUTPUT can be tied to RESET. This
causes the output pulse to be narrow (equal to the Reset
Propagation Delay tRD). Alternatively, an external pulse can be
applied to RESET. To assure a valid output pulse, however, the
delay between TRIGGER and RESET should be equal to or
greater than the total delay of tPD + tD illustrated in the internal
timing diagram Figure 1.
As shown in that figure, the capacitor voltage discharges very
rapidly and includes a small amount of overshoot and ringing.
Rated timing delay will not be realized unless subsequent trigger
events are delayed until after the linear ramp settles to its reset
voltage value.
The values for the various delay increments in the specification
table are based on a Full-Scale Delay Range of 100 ns with
OUTPUT tied to RESET (self-resetting operation).
When Full-Scale Delay Range is set for intervals shorter than
100 ns, the rate of change of the linear ramp is increased. This
faster rate means the Maximum Trigger Rate shown in the
specification table is increased because the Ramp Generator
Delay and, consequently, Minimum Propagation Delay tPD
become smaller.
Linear Ramp Settling Time tLRS also becomes shorter as Full-
Scale Delay Range is decreased. Minimum Delays for various
Full-Scale Delay Range values are shown in Figure 2.
APPLICATIONS
The AD9501 is useful in a wide variety of precision timing
applications because of its ability to delay TTL/ CMOS pulse
edges by increments as small as 10 ps.
Figure 4. AD9501 Typical Circuit Configuration
In Figure 4, the AD9501 typical circuit configuration, the
delayed output is tied back to the RESET input. This will pro-
duce a narrow output pulse whose leading edge is delayed by an
amount proportional to the 8-bit digital word stored in the on-
board latches. For the configuration shown, the output pulse
width will be equal to the Reset Propagation Delay (tRD). If
wider pulses are required, a delay can be inserted between
OUTPUT and RESET. If preferred, an external pulse can be
used as a reset input to control the timing of the falling edge
(and consequently, the width) of the delayed output.
Multiple Signal Path Deskewing
High speed electronic systems with parallel signal paths require
that close delay matching be maintained. If delay mismatch
(time skew) occurs, errors can occur during data transfer. For
these situations, the matching of delays is generally accom-
plished by carefully matching lead lengths.
Figure 5. Multiple Signal Path Deskewing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com