Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices AD9501 Datasheet HTML 10Page - Analog Devices AD9501 Datasheet HTML 11Page - Analog Devices AD9501 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD9501
REV. A
–11–
Analog Settling Time Measurement
This circuit, shown in Figure 9, functions in a manner similar to
the digital delay detector; for this application, too, the clock
must be repetitive. As in the delay detector, AD9501 #1 is used
to cancel the propagation delay of AD9501 #2, propagation
delay of the comparators, stray delays, etc. To accomplish this,
use the calibration procedure described earlier for the digital
delay generator.
The difference between the two circuits is in the detection
method. The register of the digital delay is replaced by a win-
dow comparator for the analog settling measurement.
Threshold voltages V1 and V2 are set for the desired tolerance
around the final value of the DUT output signal. As shown in
the lower portion of the diagram, the output of the detector is
high when the analog output signal of the converter is within the
limits set by V1 and V2.
Therefore, the settling time can be measured by starting the
delay of AD9501 #2 at its maximum setting and decrementing
it until the window comparator goes low. The difference
between the DAC codes applied to AD9501 #2 and AD9501
#1 is a measure of the settling time of the D/A converter being
tested.
Figure 9. Analog Settling Time Measurement
Layout Considerations
Although the inputs and output of the AD9501 are digital, the
delay is determined by analog circuits. This makes it critical to
use high speed analog circuit layout techniques to achieve rated
performance.
The ground plane should be on the component side of the
board and extend under the AD9501 to shield it from digital
switching signals. Most socket assemblies add significant
inter-lead capacitance, and should be avoided whenever pos-
sible. If sockets must be used, individual pin sockets such as
AMP part number 6330808-0 (closed knock-out end) or
6-330808-3 (open end) should be used.
Power supply decoupling is also critical for high speed design; a
0.1
µF capacitor should be connected as close as possible to
each supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com