Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1278-SP Datasheet (PDF) - Texas Instruments

ADS1278-SP Datasheet PDF - Texas Instruments
Part # ADS1278-SP
Download  ADS1278-SP Download
File Size   1544.55 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1278-SP Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter

ADS1278-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1278-SP Datasheet PDF - Texas Instruments

Part # ADS1278-SP
Download  ADS1278-SP Click to download

File Size   1544.55 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1278-SP Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter

ADS1278-SP Datasheet (HTML) - Texas Instruments


ADS1278-SP Product details

1 Features
1• Radiation Hardened
– TID 75 krad(Si)
– TID Radiation Lot Acceptance Test (RLAT)
TBD
– Single Event Latchup (SEL) Immune to LET 68
MeV-cm2/mg @ 125°C
• Simultaneously Samples Eight Channels
• Up to 128-kSPS Data Rate
• AC Performance:
– 63-kHz Bandwidth
– 111-dB SNR (High-Resolution Mode)
– –108-dB THD
• DC Accuracy:
– 0.8-μV/°C Offset Drift
– 1.3-ppm/°C Gain Drift
• Selectable Operating Modes:
– High-Speed: 128 kSPS, 106-dB SNR
– High-Resolution: 52 kSPS, 111-dB SNR
– Low-Power: 52 kSPS, 31 mW/ch
– Low-Speed: 10 kSPS, 7 mW/ch
• Linear Phase Digital Filter
• SPI™ or Frame-Sync Serial Interface
• Low Sampling Aperture Error
• Modulator Output Option (Digital Filter Bypass)
• Analog Supply: 5 V
• Digital Core: 1.8 V
• I/O Supply: 1.8 V to 3.3 V

2 Applications
• Space Systems (Satellite, Shuttles, Stations)
– Satellite Temperature and Position Sensing
– Orbital Observation Systems
– Precision and Scientific Applications
– High-Accuracy Instrumentation

3 Description
The ADS1278-SP (octal) is a 24-bit, delta-sigma (ΔΣ)
analog-to-digital converter (ADC) with data rates up
to 128k samples per second (SPS), allowing
simultaneous sampling of eight channels.
Traditionally, industrial delta-sigma ADCs offering
good drift performance use digital filters with large
passband droop. As a result, they have limited signal
bandwidth and are mostly suited for dc
measurements. High-resolution ADCs in audio
applications offer larger usable bandwidths, but the
offset and drift specifications are significantly weaker
than respective industrial counterparts. The
ADS1278-SP combines these types of converters,
allowing high-precision industrial measurement with
excellent dc and ac specifications.
The high-order, chopper-stabilized modulator
achieves very low drift with low in-band noise. The
onboard decimation filter suppresses modulator and
signal out-of-band noise. These ADCs provide a
usable signal bandwidth up to 90% of the Nyquist
rate with less than 0.005 dB of ripple.




Similar Part No. - ADS1278-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
ADS1278-SP TI2-ADS1278-SP Datasheet
1Mb / 58P
OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
REVISED APRIL 2013
More results


Similar Description - ADS1278-SP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
August 1999
logo
Texas Instruments
THS1009 TI-THS1009 Datasheet
235Kb / 31P
10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Intersil Corporation
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
March 10, 2005
logo
Texas Instruments
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
8-Ch, 24-Bit Simultaneous Sampling ADC
Rev. PrC
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com