Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV861 Datasheet (PDF) - Microchip Technology

HV861 Datasheet PDF - Microchip Technology
Part # HV861
Download  HV861 Download
File Size   1877.76 Kbytes
Page   17 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Noise Dimmable Dual EL Lamp Driver

HV861 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV861 Datasheet PDF - Microchip Technology

Part # HV861
Download  HV861 Click to download

File Size   1877.76 Kbytes
Page   17 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Noise Dimmable Dual EL Lamp Driver

HV861 Datasheet (HTML) - Microchip Technology


HV861 Product details

Features
• Adjustable Output Regulation for Dimming
• Lamp Fade-in/Fade-out Capability
• Low Audible Noise
• 180 VPP Output Voltage for Higher Brightness
• 1.5V Enable Input Logic High
• Single-cell Lithium Ion-compatible
• One Miniature Inductor to Power both Lamps
• Separately Adjustable Lamp and Converter Frequencies
• Split Supply Capability

Applications
• Dual Display Cellular Phones
• Keypad and LCD Backlighting
• Personal Digital Assistant (PDA)
• Handheld Wireless Communication Products
• Global Positioning Systems (GPS)

General Description
The HV861 is a low-noise dimmable high-voltage dual EL
lamp driver designed for driving two electroluminescent
(EL) lamps with a combined area of 5 in2. The input
supply voltage range is from 2.5V to 4.5V. Enable input
logic high can go as low as 1.5V, which allows logic
interface operating from typical 1.8V supplies. The
device is designed to minimize audible noise emitted by
the EL lamps.
The device uses a single inductor and a minimum
number of passive components. With the internal
reference voltage, the regulated output voltage is at a
nominal value of 90V. The EL lamps therefore see ±90V.
The two EL lamps can be turned on and turned off using
two CMOS logic inputs, EN1 and EN2. The driver is
disabled when both EN1 and EN2 are at logic low.
The HV861 has two internal oscillators, a switching
MOSFET, and two high-voltage EL lamp driver
H-bridges. Each driver has its own half-bridge common
output, COM1 and COM2, which significantly minimizes
the DC offset seen by the EL lamp. The frequency for the
switching MOSFET is set by an external resistor
connected between the RSW-Osc pin and the supply pin,
VDD. The EL lamp driver frequency is set by an external
resistor connected between the REL-Osc pin and the VDD
pin. An external inductor is connected between the LX
and VDD pins or VIN for split supply applications.
Depending upon the EL lamp sizes, a 1 nF to 10 nF
capacitor is connected between the CS and ground. As
the switching MOSFET charges the external inductor
and discharges it into the capacitor at CS, the voltage at
CS starts to increase. Once the voltage at CS reaches a
nominal value of 90V, the switching MOSFET is turned
off to conserve power.
EL lamp dimming can be accomplished by applying a
PWM logic signal to the PWM pin. The EL lamp
brightness will be inversely proportional to the PWM duty
cycle. The HV861 can also slowly turn on or turn off the
EL lamp, giving a fade on/off appearance.




Similar Part No. - HV861

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV861 SUTEX-HV861 Datasheet
684Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861 Datasheet
588Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861K7-G SUTEX-HV861K7-G Datasheet
684Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861K7-G SUTEX-HV861K7-G Datasheet
588Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861_10 Datasheet
588Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
More results


Similar Description - HV861

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV860 SUTEX-HV860 Datasheet
320Kb / 7P
Low Noise Dimmable EL Lamp Driver
HV835 SUTEX-HV835 Datasheet
242Kb / 6P
Low Noise Dual EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
Low Noise, Dual EL Lamp Driver
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
Low Noise, Dual EL Lamp Driver
HV862 SUTEX-HV862 Datasheet
698Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861 Datasheet
684Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV881 SUTEX-HV881 Datasheet
745Kb / 8P
Dimmable, Low Noise, 16 channel EL Lamp Driver
HV861 SUTEX-HV861_10 Datasheet
588Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV860 SUTEX-HV860_09 Datasheet
643Kb / 8P
Low Noise, Dimmable EL Lamp Driver
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com