Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9705 Datasheet (PDF) - Analog Devices

MAX9705 Datasheet PDF - Analog Devices
Part # MAX9705
Download  MAX9705 Download
File Size   504.31 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier

MAX9705 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9705 Datasheet PDF - Analog Devices

Part # MAX9705
Download  MAX9705 Click to download

File Size   504.31 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier

MAX9705 Datasheet (HTML) - Analog Devices


MAX9705 Product details

Features
♦ Filterless Amplifier Passes FCC-Radiated
Emissions Standards with 24in of Cable
♦ Unique Spread-Spectrum Mode and Active
Emissions Limiting (AEL) Achieves Better than
20dB Margin Under FCC Limits
♦ Zero Dead Time (ZDT) H-Bridge Maintains Stateof-
the-Art Efficiency and THD+N
♦ Simple Master-Slave Setup for Stereo Operation
♦ Up to 90% Efficiency
♦ 2.3W into 4Ω (1% THD+N)
♦ Low 0.02% THD+N (POUT = 1W, VDD = 5.0V)
♦ High PSRR (75dB at 217Hz)
♦ Integrated Click-and-Pop Suppression
♦ Low Quiescent Current (5.4mA)
♦ Low-Power Shutdown Mode (0.3μA)
♦ Short-Circuit and Thermal-Overload Protection
♦ Available in Thermally Efficient, Space-Saving
Packages
10-Pin TDFN (3mm x 3mm x 0.8mm)
12-Bump UCSP (1.5mm x 2mm x 0.6mm)
♦ Pin-for-Pin Compatible with the MAX9700 and
MAX9712




Similar Part No. - MAX9705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
MAX9705 MAXIM-MAX9705 Datasheet
477Kb / 18P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9705AEBC+T MAXIM-MAX9705AEBC+T Datasheet
2Mb / 20P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
MAX9705AEBC+T MAXIM-MAX9705AEBC+T Datasheet
477Kb / 18P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9705AETB+T MAXIM-MAX9705AETB+T Datasheet
2Mb / 20P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
More results


Similar Description - MAX9705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
logo
Texas Instruments
LM48410 TI1-LM48410 Datasheet
1Mb / 24P
Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com