Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6919C Datasheet (PDF) - STMicroelectronics

RT6919C Datasheet PDF - STMicroelectronics
Part # RT6919C
Download  RT6919C Download
File Size   558.57 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT

RT6919C Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6919C Datasheet PDF - STMicroelectronics

Part # RT6919C
Download  RT6919C Click to download

File Size   558.57 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT

RT6919C Datasheet (HTML) - STMicroelectronics


RT6919C Product details

DESCRIPTION
The device is a power supply controller specifically designed to provide a high performance DC/DC conversion for high current microprocessors. The device implements a dual-phase step-down controller with a 180° phase-shift between each phase. A precise 5-bit digital to analog converter (DAC) allows adjusting the output voltage from 0.800V to 1.550V with 25mV binary steps managing On-The-Fly VID code changes.
The high precision internal reference assures the selected output voltage to be within ±0.6%. The high peak current gate drive affords to have fast switching to the external power mos providing low switching losses.
The device assures a fast protection against load over current and load over/under voltage. An internal crowbar is provided turning on the low side mosfet if an over-voltage is detected. In case of over-current, the system works in Constant Current mode.

■ 2 PHASE OPERATION WITH SYNCRHONOUS RECTIFIER CONTROL
■ ULTRA FAST LOAD TRANSIENT RESPONSE
■ INTEGRATED HIGH CURRENT GATE DRIVERS: UP TO 2A GATE CURRENT
■ TTL-COMPATIBLE 5 BIT PROGRAMMABLE OUTPUT FROM 0.800V TO 1.550V WITH 25mV STEPS
■ DYNAMIC VID MANAGEMENT
■ 0.6% OUTPUT VOLTAGE ACCURACY
■ 10% ACTIVE CURRENT SHARING ACCURACY
■ DIGITAL 2048 STEP SOFT-START
■ OVERVOLTAGE PROTECTION
■ OVERCURRENT PROTECTION REALIZED USING THE LOWER MOSFETS RdsON OR A SENSE RESISTOR
■ OSCILLATOR EXTERNALLY ADJUSTABLE AND INTERNALLY FIXED AT 200kHz
■ POWER GOOD OUTPUT AND INHIBIT FUNCTION
■ REMOTE SENSE BUFFER
■ PACKAGE: SO-28

APPLICATIONS
■ POWER SUPPLY FOR SERVERS AND WORKSTATIONS
■ POWER SUPPLY FOR HIGH CURRENT MICROPROCESSORS
■ DISTRIBUTED POWER SUPPLY




Similar Part No. - RT6919C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6908 RICHTEK-RT6908 Datasheet
429Kb / 22P
PMIC for TFT LCD TV Panels
RT6908ZQW RICHTEK-RT6908ZQW Datasheet
429Kb / 22P
PMIC for TFT LCD TV Panels
More results


Similar Description - RT6919C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6917B STMICROELECTRONICS-L6917B Datasheet
592Kb / 33P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
Sep-2002
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873 Datasheet
308Kb / 32P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Mar-2004
L6919E STMICROELECTRONICS-L6919E Datasheet
606Kb / 33P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Sep-2003
L6711 STMICROELECTRONICS-L6711 Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
L6711 STMICROELECTRONICS-L6711_06 Datasheet
633Kb / 50P
3 Phase controller with dynamic VID and selectable DACs
18-Apr-2006
logo
Linear Technology
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703 LINER-LTC1703_15 Datasheet
390Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873_15 Datasheet
323Kb / 32P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com