Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6919C Datasheet(PDF) 7 Page - STMicroelectronics

Part # RT6919C
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT6919C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RT6919C Datasheet HTML 3Page - STMicroelectronics RT6919C Datasheet HTML 4Page - STMicroelectronics RT6919C Datasheet HTML 5Page - STMicroelectronics RT6919C Datasheet HTML 6Page - STMicroelectronics RT6919C Datasheet HTML 7Page - STMicroelectronics RT6919C Datasheet HTML 8Page - STMicroelectronics RT6919C Datasheet HTML 9Page - STMicroelectronics RT6919C Datasheet HTML 10Page - STMicroelectronics RT6919C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7/32
L6919C
16
ISEN2
Channel 2 current sense pin. The output current may be sensed across a sense resistor or
across the low-side mosfet RdsON. This pin has to be connected to the low-side mosfet drain or to
the sense resistor through a resistor Rg in order to program the over current intervention for this
phase at 140% as follow:
Where 35
µA is the current offset information relative to the Over Current condition (offset at OC
threshold minus offset at zero load).
The net connecting the pin to the sense point must be routed as close as possible to the
PGNDS2 net in order to couple in common mode any picked-up noise.
17
OSC/
INH/
FAULT
Oscillator switching frequency pin. Connecting an external resistor from this pin to GND, the
external frequency is increased according to the equation:
Connecting a resistor from this pin to Vcc (12V), the switching frequency is reduced according to
the equation:
If the pin is not connected, the switching frequency is 200KHz.
Forcing the pin to a voltage lower than 0.6V, the device stop operation and enter the inhibit state.
The pin is forced high when an Over/Under Voltage is detected. This condition is latched; to
recover it is necessary turn off and on VCC.
18-22
VID4-0
Voltage IDentification pins. These input are internally pulled-up and TTL compatible. They are
used to program the output voltage as specified in Table 1 and to set the power good thresholds.
Connect to GND to program a ‘0’ while leave floating to program a ‘1’.
23
PGOOD
This pin is an open collector output and is pulled low if the output voltage is not within the above
specified thresholds.
If not used may be left floating.
24
BOOT2
Channel 2 bootstrap capacitor pin. Through this pin is supplied the high side driver and the upper
mosfet. Connect through a capacitor to the PHASE2 pin and through a diode to Vcc (cathode vs.
boot).
25
UGATE2 Channel 2 high side gate driver output.
26
PHASE2 This pin is connected to the source of the upper mosfet and provides the return path for the high
side driver of channel 2.
27
LGATE2
Channel 2 low side gate driver output.
28
PGND
Power ground pin. This pin is common to both sections and it must be connected through the
closest path to the low side mosfets source pins in order to reduce the noise injection into the
device.
PIN FUNCTION (continued)
N
Name
Description
I
OC Px
35
µARg
Rsense
---------------------------
=
f
S
200kHz
14.82 10
6
R
OS C k Ω
()
-----------------------------
+
=
f
S
200kHz
12.91 10
7
R
OS C k Ω
()
-----------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com