Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6919C Datasheet(PDF) 14 Page - STMicroelectronics

Part # RT6919C
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT6919C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button RT6919C Datasheet HTML 10Page - STMicroelectronics RT6919C Datasheet HTML 11Page - STMicroelectronics RT6919C Datasheet HTML 12Page - STMicroelectronics RT6919C Datasheet HTML 13Page - STMicroelectronics RT6919C Datasheet HTML 14Page - STMicroelectronics RT6919C Datasheet HTML 15Page - STMicroelectronics RT6919C Datasheet HTML 16Page - STMicroelectronics RT6919C Datasheet HTML 17Page - STMicroelectronics RT6919C Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
L6919C
14/32
Integrated Droop Function
The device uses a droop function to satisfy the requirements of high performance microprocessors, reducing
the size and the cost of the output capacitor.
This method "recovers" part of the drop due to the output capacitor ESR in the load transient, introducing a de-
pendence of the output voltage on the load current
As shown in figure 8, the ESR drop is present in any case, but using the droop function the total deviation of the
output voltage is minimized. In practice the droop function introduces a static error (VDROOP in figure 8) propor-
tional to the output current. Since the device has an average current mode regulation, the information about the
total current delivered is used to implement the Droop Function. This current (equal to the sum of both IINFOx)
is sourced from the FB pin. Connecting a resistor between this pin and VOUT, the total current information flows
only in this resistor because the compensation network between FB and COMP has always a capacitor in series
(See fig. 9). The voltage regulated is then equal to:
VOUT = VID - RFB · IFB
Since IFB depends on the current information about the two phases, the output characteristic vs. load current is
given by:
Figure 8. Output transient response without (a) and with (b) the droop function
Figure 9. Active Droop Function Circuit
The feedback current is equal to 50
µA at nominal full load (IFB = IINFO1 + IINFO2) and 70µA at the OC intervention
threshold, so the maximum output voltage deviation is equal to:
∆VFULL_POSITIVE_LOAD = -RFB · 50µA
∆VOC_INTERVENTION = -RFB · 70µA
Droop function is provided only for positive load; if negative load is applied, and then IINFOx < 0, no current is
sunk from the FB pin. The device regulates at the voltage programmed by the VID.
V
OUT
VID
R
FB
R
SENSE
Rg
----------------------
I
OUT
⋅⋅
=
VMAX
VMIN
VNOM
(a)
(b)
ESR DROP
ESR DROP
VDROOP
VPROG
COMP
FB
To VOUT
IFB
RFB
ZF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com