Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5712UTR Datasheet (PDF) - Littelfuse

CPC5712UTR Datasheet PDF - Littelfuse
Part # CPC5712UTR
Download  CPC5712UTR Download
File Size   1924.48 Kbytes
Page   12 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Voltage Monitor with Detectors

CPC5712UTR Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC5712UTR Datasheet PDF - Littelfuse

Part # CPC5712UTR
Download  CPC5712UTR Click to download

File Size   1924.48 Kbytes
Page   12 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Voltage Monitor with Detectors

CPC5712UTR Datasheet (HTML) - Littelfuse


CPC5712UTR Product details

Features
• CPC5712 Outputs:
• Two Independent Programmable Level Detectors
with Programmable Hysteresis
• Fixed-Level Polarity Detector with Hysteresis
• Differential Linear Output
• Minimum External Components
• Excellent Common-Mode Rejection Ratio
(CMRR) > 55dB
• Application circuits meet isolation requirements of
worldwide telephony standards
• Worldwide telephone network compatibility
• Single Supply Operation, 3.0V to 5.5V
• High differential input impedance
• Very low common-mode input impedance
• Fixed Gain
• TTL Compatible CMOS Logic Level outputs
• Small SOP 16-Pin package

Applications
• VoIP Gateways, IP-PBX, xDSL
• TIP/RING Monitoring
• Line-In-Use Detection
• Polarity Detection for Caller ID, Enhanced 911
• Battery Detection, PSTN Check
• Non-telephony voltage level detection applications
• Instrumentation
• Industrial Controls

Description
The CPC5712 is a special purpose Voltage Monitor
with Detectors integrated circuit that is used in various
high-voltage telephony applications such as VoIP
gateways and IP-PBXs. The device monitors the
TIP/RING potential through a high-impedance divider
(resistor isolation) to derive two programmable signal
level detects, polarity information, and a scaled
representation of the phone line voltages. In use, the
resistor divider and the high input impedance of the
CPC5712 make the circuit practically undetectable on
the line.
The two voltage-level detects are programmed with
external resistors, which gives the designer complete
freedom with respect to line voltage detection levels.
The level settings also have programmable hysteresis
to prevent false triggering conditions. Detection of
these levels allows the user to determine the condition
of the line.
This device can also be used in non-telephony
applications such as instrumentation and industrial
controls, especially when a low-level differential level
needs to be detected in the presence of a large
common-mode voltage.




Similar Part No. - CPC5712UTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5712UTR CLARE-CPC5712UTR Datasheet
388Kb / 11P
Phone Line Monitor with Detectors (PLMD)
logo
IXYS Corporation
CPC5712UTR IXYS-CPC5712UTR Datasheet
233Kb / 11P
Minimum External Components
More results


Similar Description - CPC5712UTR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Clare, Inc.
CPC5712 CLARE-CPC5712 Datasheet
388Kb / 11P
Phone Line Monitor with Detectors (PLMD)
logo
Unisonic Technologies
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
VOLTAGE DETECTORS
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
VOLTAGE DETECTORS
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com