Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5712UTR Datasheet (PDF) - Clare, Inc.

CPC5712UTR Datasheet PDF - Clare, Inc.
Part # CPC5712UTR
Download  CPC5712UTR Download
File Size   388.19 Kbytes
Page   11 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Phone Line Monitor with Detectors (PLMD)

CPC5712UTR Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC5712UTR Datasheet PDF - Clare, Inc.

Part # CPC5712UTR
Download  CPC5712UTR Click to download

File Size   388.19 Kbytes
Page   11 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Phone Line Monitor with Detectors (PLMD)

CPC5712UTR Datasheet (HTML) - Clare, Inc.


CPC5712UTR Product details

Description
The CPC5712 is a special purpose Phone Line Monitor with Detectors (PLMD) integrated circuit that is used in various high-voltage telephony applications such as VoIP gateways and IP-PBXs. The device monitors the TIP/RING potential through a high-impedance divider (resistor isolation) to derive two programmable signal level detects, polarity information, and a scaled representation of the phone line voltages. In use, the resistor divider and the high input impedance of the CPC5712 make the circuit practically undetectable on the line.

Features
• CPC5712 Outputs:
    • Two Independent Programmable Level Detectors with Programmable Hysteresis
    • Fixed-Level Polarity Detector with Hysteresis
    • Differential Linear Output
• Minimum External Components
• Excellent Common-Mode Rejection Ratio (CMRR) > 55dB
• Application circuits meet isolation requirements of worldwide telephony standards
• Worldwide telephone network compatibility
• Single Supply Operation, 3.0V to 5.5V
• High differential input impedance
• Very low common-mode input impedance
• Fixed Gain
• TTL Compatible CMOS Logic Level outputs
• Small SOP 16-Lead package

Applications
• VoIP Gateways, IP-PBX, xDSL
• TIP/RING Monitoring
    • Line-In-Use Detection
    • Polarity Detection for Caller ID, Enhanced 911
    • Battery Detection, PSTN Check
• Non-telephony voltage level detection applications
    • Instrumentation
    • Industrial Controls




Similar Part No. - CPC5712UTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5712UTR IXYS-CPC5712UTR Datasheet
233Kb / 11P
Minimum External Components
logo
Littelfuse
CPC5712UTR LITTELFUSE-CPC5712UTR Datasheet
1Mb / 12P
Voltage Monitor with Detectors
1/20/2026
More results


Similar Description - CPC5712UTR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2182A DALLAS-DS2182A Datasheet
270Kb / 25P
T1 Line Monitor
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
Phone Line Monitor (PLM) IC
CPC5620 CLARE-CPC5620_1 Datasheet
725Kb / 17P
LITELINK짰 III Phone Line Interface IC (DAA)
CPC5622 CLARE-CPC5622 Datasheet
728Kb / 18P
LITELINK짰 III Phone Line Interface IC (DAA)
CPC5710N CLARE-CPC5710N_1 Datasheet
361Kb / 10P
Phone Line Monitor (PLM) IC
logo
Superworld Electronics
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
PHONE LINE FILTER
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
Phone Line Interface IC (DAA)
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
PHONE LINE FILTER
W4420F-252M-F10 SUPERWORLD-W4420F-252M-F10 Datasheet
210Kb / 8P
PHONE LINE FILTER
logo
Schneider Electric
PF11VT3 SCHNEIDER-PF11VT3 Datasheet
80Kb / 2P
APC Performance SurgeArrest, 11 outlet, phone line (with splitter) & coax protection
Apr 8, 2020
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com