Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6925 Datasheet (PDF) - STMicroelectronics

L6925 Datasheet PDF - STMicroelectronics
Part # L6925
Download  L6925 Download
File Size   57.92 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR

L6925 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6925 Datasheet PDF - STMicroelectronics

Part # L6925
Download  L6925 Click to download

File Size   57.92 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR

L6925 Datasheet (HTML) - STMicroelectronics


L6925 Product details

DESCRIPTION

The device is dc-dc monolithic regulator specifically designed to provide extremely high efficiency. The device has on UVLO set at 2.7V cause it is part icurarly thought for single Li-ion cell applications.

Output voltage can be selected by an external divider down to 0.6V. Duty Cycle can saturate to 100% allowing low drop-out operation.



FEATURES

■ 2.7V TO 5.5V BATTERY INPUT RANGE

■ HIGH EFFICIENCY: UP TO 95%

■ INTERNAL SYNCHRONOUS SWITCH

■ NO EXTERNAL SCHOTTKY REQUIRED

■ EXTREMELY LOW QUIESCENT CURRENT

■ 800mA MAX OUTPUT CURRENT

■ ADJUSTABLE OUTPUT VOLTAGE FROM 0.6V

■ LOW DROP-OUT OPERATION: UP TO 100% DUTY CYCLE

■ SELECTABLE LOW NOISE/LOW CONSUMPTION MODE AT LIGHT LOAD

■ LOW BATTERY INPUT

■ LOW BATTERY OUTPUT

■ ±1% OUTPUT VOLTAGE ACCURACY

■ CURRENT-MODE CONTROL

■ 600kHz SWITCHING FREQUENCY

■ EXTERNALLY SYNCHRONIZABLE FROM 500kHz TO 1.4MHz

■ OVP

■ SHORT CIRCUIT PROTECTION




Similar Part No. - L6925

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 6P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2004
L6925D013TR STMICROELECTRONICS-L6925D013TR Datasheet
57Kb / 6P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2004
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2004
More results


Similar Description - L6925

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6926D STMICROELECTRONICS-L6926D Datasheet
90Kb / 8P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
May-2003
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6928D STMICROELECTRONICS-L6928D Datasheet
197Kb / 9P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Rev. 2
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6928 STMICROELECTRONICS-L6928 Datasheet
191Kb / 16P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2004
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
High efficiency monolithic synchronous step down regulator
16-Sep-2008
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com