Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6925 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6925
Description  HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6925 Datasheet(HTML) 2 Page - STMicroelectronics

  L6925 Datasheet HTML 1Page - STMicroelectronics L6925 Datasheet HTML 2Page - STMicroelectronics L6925 Datasheet HTML 3Page - STMicroelectronics L6925 Datasheet HTML 4Page - STMicroelectronics L6925 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L6925D
2/5
ABSOLUTE MAXIMUM RATINGS
PIN CONNECTION
THERMAL DATA
PIN FUNCTIONS
Symbol
Parameter
Value
Unit
V6
Input voltage
-0.3 to 6
V
V5
Output switching voltage
-1 to VCC
V
V1
Shutdown
-0.3 to VCC
V
V3
Feedback voltage
-0.3 to VCC
V
V2
Analog input voltage
-0.3 to VCC
V
Ptot
Power dissipation at Tamb=70
°C0.45
W
Tj
Junction operating temperature range
-40 to 150
°C
Tstg
Storage temperature range
-65 to 150
°C
LX Pin
Maximum Withstanding Voltage Range Test Condition: CDF-
AEC-Q100-002- “Human Body Model” Acceptance Criteria:
“Normal Performance’
±1000
V
Other pins
±2000
V
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
180
°C/W
N
Name
Description
1
LBI
Battery low voltage detector input. The internal threshold is set to 0.6V. The external threshold
can be adjusted by using an external resistor divider.
2
COMP
Error amplifier output. Compensate it with a 220pF capacitor
3
VFB
Error amplifier input. The output voltage can be adjusted by using an external resistor divider
connected to this pin (VFB = 0.6V).
4
GND
Ground.
5
LX
Switch node connection to the inductor.
6
VCC
Input voltage.
7
SYNC
This pin allows to select Low Noise/ Low Consumption Mode or to sychronize the device.
8
LBO
Battery low voltage detector output. If the voltage at the LBI pin drops below the internal
thrshold, LBO goes low. The LBO is an open drain output. A pull_up resistor should be
connected between the pin and the output voltage
LBI
COMP
VFB
GND
1
3
2
4LX
VCC
SYNC
LBO
8
7
6
5
D01IN1239A/mod



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com