Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL99125B Datasheet (PDF) - Renesas Technology Corp

ISL99125B Datasheet PDF - Renesas Technology Corp
Part # ISL99125B
Download  ISL99125B Download
File Size   930.99 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors

ISL99125B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL99125B Datasheet PDF - Renesas Technology Corp

Part # ISL99125B
Download  ISL99125B Click to download

File Size   930.99 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors

ISL99125B Datasheet (HTML) - Renesas Technology Corp


ISL99125B Product details

• Input range: +4.5V to +18V
• Supports 60A DC current
• ISL99227 with 3.3V compatible tri-state PWM input
• ISL99227B with 5.0V compatible tri-state PWM input
• Downslope current sensing
• ±3% accuracy current monitor (IMON) with REFIN input
• 8mV/°C temperature monitor with OT flag
• Dedicated low-side FET control input
• Comprehensive fault protection for high system reliability
- High-side FET short and overcurrent protection
- Over-temperature protection
- VCC and VIN Undervoltage Lockout (UVLO)
• Open-drain fault reporting output
• Up to 2MHz switching frequency
• RoHS compliant with Exemption 7a, 32 Ld 5x5 PQFN




Similar Part No. - ISL99125B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99125B INTERSIL-ISL99125B Datasheet
520Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
ISL99125B INTERSIL-ISL99125B Datasheet
478Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
October 27, 2016
logo
Renesas Technology Corp
ISL99125B RENESAS-ISL99125B Datasheet
845Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
ISL99125B RENESAS-ISL99125B Datasheet
779Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
Rev 4.00 January 24, 2017
logo
Intersil Corporation
ISL99125BDRZ-T INTERSIL-ISL99125BDRZ-T Datasheet
520Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
More results


Similar Description - ISL99125B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5821DCCT-ND FAIRCHILD-FDMF5821DCCT-ND Datasheet
1Mb / 25P
FDMF5821DC . Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5826DCCT-ND FAIRCHILD-FDMF5826DCCT-ND Datasheet
1Mb / 25P
FDMF5826DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
logo
Vishay Siliconix
SIC645 VISHAY-SIC645 Datasheet
400Kb / 18P
60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
31-Oct-16
logo
Intersil Corporation
ISL99227 INTERSIL-ISL99227 Datasheet
478Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
October 27, 2016
logo
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
logo
Renesas Technology Corp
ISL99227 RENESAS-ISL99227 Datasheet
886Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
logo
Vishay Siliconix
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
60 A VRPower® Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
29-Jun-2020
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com