Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26MB50A Datasheet (PDF) - International Rectifier

26MB50A Datasheet PDF - International Rectifier
Part # 26MB50A
Download  26MB50A Download
File Size   74.72 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SINGLE PHASE BRIDGE

26MB50A Datasheet (PDF)

Go To PDF Page Download Datasheet
26MB50A Datasheet PDF - International Rectifier

Part # 26MB50A
Download  26MB50A Click to download

File Size   74.72 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SINGLE PHASE BRIDGE

26MB50A Datasheet (HTML) - International Rectifier


26MB50A Product details

Description

A range of extremely compact, encapsulated single phase bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and instrumentation applications.



Features

Universal, 3 way terminals:

push-on, wrap around or solder

High thermal conductivity package, electrically insulated case

Center hole fixing

Excellent power/volume ratio

UL E 62320 approved

Nickel plated terminals solderable as per MIL-STD-202 Method 208; solder: Sn/Pb (60/40); solder temperature: 235-260°C max. time: 8-10 secs




Similar Part No. - 26MB50A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB IRF-26MB Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
26MB-A IRF-26MB-A Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
logo
Vishay Siliconix
26MB-A VISHAY-26MB-A Datasheet
772Kb / 7P
Single Phase Bridge
10-Jul-13
26MB..A VISHAY-26MB..A Datasheet
148Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 AS
15-Jan-2019
26MB..A VISHAY-26MB..A Datasheet
149Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
More results


Similar Description - 26MB50A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB IRF-26MB Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
GBPC IRF-GBPC Datasheet
131Kb / 6P
SINGLE PHASE BRIDGE
GBPC3512 IRF-GBPC3512 Datasheet
270Kb / 6P
SINGLE PHASE BRIDGE
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0008 SSDI-RA0008 Datasheet
26Kb / 2P
SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
SINGLE PHASE BRIDGE
RA0011B SSDI-RA0011B Datasheet
108Kb / 2P
SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE
RH0237 SSDI-RH0237 Datasheet
27Kb / 2P
SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D_15 Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com