Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6100CDD#PBF Datasheet (PDF) - Analog Devices

LT6100CDD#PBF Datasheet PDF - Analog Devices
Part # LT6100CDD#PBF
Download  LT6100CDD#PBF Download
File Size   1433.88 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Gain Selectable High Side Current Sense Amplifier

LT6100CDD#PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LT6100CDD#PBF Datasheet PDF - Analog Devices

Part # LT6100CDD#PBF
Download  LT6100CDD#PBF Click to download

File Size   1433.88 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Gain Selectable High Side Current Sense Amplifier

LT6100CDD#PBF Datasheet (HTML) - Analog Devices


LT6100CDD#PBF Product details

FEATURES
n Input Offset Voltage: 300μV (Max)
n Sense Inputs Up to 48V
n 0.5% Gain Accuracy
n Pin Selectable Gain: 10, 12.5, 20, 25, 40, 50V/V
n Separate Power Supply: 2.7V to 36V
n Operating Current: 60μA
n Sense Input Current (VCC Powered Down): 1nA
n Reverse Battery Protected to –48V
n Buffered Output
n Noise Filtering Input
n –40°C to 125°C Operating Temperature Range
n Available in 8-Lead DFN and MSOP Packages




Similar Part No. - LT6100CDD#PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6100CDD LINER-LT6100CDD Datasheet
257Kb / 16P
Precision, Gain Selectable High Side Current Sense Amplifier
More results


Similar Description - LT6100CDD#PBF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
logo
NXP Semiconductors
SA58780 PHILIPS-SA58780 Datasheet
137Kb / 15P
Sense current amplifier with selectable gain
2003 Nov 10
logo
Linear Technology
LT6100 LINER-LT6100 Datasheet
257Kb / 16P
Precision, Gain Selectable High Side Current Sense Amplifier
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
logo
Linear Technology
LT6100 LINER-LT6100_15 Datasheet
1Mb / 18P
Precision, Gain Selectable High Side Current Sense Amplifier
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
Precision High-Side Current Sense Amplifier
logo
Analog Devices
LT1997-1 AD-LT1997-1 Datasheet
1Mb / 30P
Precision, High Voltage, Gain Selectable Difference/Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com