Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6118 Datasheet (PDF) - Analog Devices

LT6118 Datasheet PDF - Analog Devices
Part # LT6118
Download  LT6118 Download
File Size   348.71 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Current Sense Amplifier, Reference and Comparator with POR

LT6118 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT6118 Datasheet PDF - Analog Devices

Part # LT6118
Download  LT6118 Click to download

File Size   348.71 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Current Sense Amplifier, Reference and Comparator with POR

LT6118 Datasheet (HTML) - Analog Devices


LT6118 Product details

Features
n Current Sense Amplifier
– Fast Step Response: 500ns
– Low Offset Voltage: 200μV Maximum
– Low Gain Error: 0.2% Maximum
n Internal 400mV Precision Reference
n Internal Comparator
– Power-On Reset Capability
– Fast Response Time: 500ns
– Total Threshold Error: ±1.25% Maximum
n Wide Supply Range: 2.7V to 60V
n Supply Current: 450μA
n Specified for –40°C to 125°C Temperature Range
n Available in 8-Lead MSOP and 8-Lead (2mm × 3mm)
DFN Packages




Similar Part No. - LT6118

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6118 LINER-LT6118 Datasheet
218Kb / 6P
High Side Current Sense Amplifier with Reference and Comparator with POR Capability
logo
Analog Devices
LT6118 AD-LT6118 Datasheet
1Mb / 14P
36V Low Cost High Side Current Sense in a SOT-23
Rev. C
LT6118 AD-LT6118 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
logo
Linear Technology
LT6118 LINER-LT6118_15 Datasheet
349Kb / 24P
Current Sense Amplifier, Reference and Comparator with POR
More results


Similar Description - LT6118

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373 Datasheet
366Kb / 12P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Rev 0; 3/00
logo
Linear Technology
LT6118 LINER-LT6118_15 Datasheet
349Kb / 24P
Current Sense Amplifier, Reference and Comparator with POR
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6109-1 LINER-LT6109-1_15 Datasheet
323Kb / 28P
High Side Current Sense Amplifier with Reference and Comparators
LT6109-2 LINER-LT6109-2_15 Datasheet
323Kb / 28P
High Side Current Sense Amplifier with Reference and Comparators
LT6118 LINER-LT6118 Datasheet
218Kb / 6P
High Side Current Sense Amplifier with Reference and Comparator with POR Capability
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373_V01 Datasheet
300Kb / 13P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com