Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4373 Datasheet (PDF) - Maxim Integrated Products

MAX4373 Datasheet PDF - Maxim Integrated Products
Part # MAX4373
Download  MAX4373 Download
File Size   366.08 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs

MAX4373 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4373 Datasheet PDF - Maxim Integrated Products

Part # MAX4373
Download  MAX4373 Click to download

File Size   366.08 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs

MAX4373 Datasheet (HTML) - Maxim Integrated Products


MAX4373 Product details

General Description

The MAX4373/MAX4374/MAX4375 low-cost, micropower, high-side current-sense supervisors contain a highside current-sense amplifier, bandgap reference, and comparator with latching output. They feature a voltage output that eliminates the need for gain-setting resistors, making them ideal for today’s notebook computers, cell phones, and other systems where battery/DC current monitoring is critical.



Features

♦Current-Sense Amplifier plus Internal Comparator and Bandgap Reference

♦50µA Supply Current

♦Single +2.7V to +28V Operating Supply

♦0.66% Full-Scale Accuracy

♦Internal Bandgap Reference

♦Latching Comparator Output

♦Three Gain Versions Available (+20V/V, +50V/V, +100V/V)

♦Wide 0 to +28V Common-Mode Range, Independent of Supply Voltage



Applications

Notebook Computers

Portable/Battery-Powered Systems

Smart Battery Packs/Chargers

Cell Phones

Power-Management Systems

General-System/Board-Level Current Monitoring

Precision Current Sources




Similar Part No. - MAX4373

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373 Datasheet
300Kb / 13P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
logo
Analog Devices
MAX4373 AD-MAX4373 Datasheet
300Kb / 13P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Rev 5 5/15
logo
Maxim Integrated Produc...
MAX4373FESA+ MAXIM-MAX4373FESA+ Datasheet
300Kb / 13P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
logo
Analog Devices
MAX4373FESA+ AD-MAX4373FESA+ Datasheet
300Kb / 13P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Rev 5 5/15
logo
Maxim Integrated Produc...
MAX4373FEUA+ MAXIM-MAX4373FEUA+ Datasheet
300Kb / 13P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
More results


Similar Description - MAX4373

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
Low cost high-side current sense amplifier
26-Jun-2008
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T_09 Datasheet
225Kb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
logo
Linear Technology
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373_V01 Datasheet
300Kb / 13P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com