Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4373 Datasheet (PDF) - Analog Devices

MAX4373 Datasheet PDF - Analog Devices
Part # MAX4373
Download  MAX4373 Download
File Size   300.07 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs

MAX4373 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4373 Datasheet PDF - Analog Devices

Part # MAX4373
Download  MAX4373 Click to download

File Size   300.07 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs

MAX4373 Datasheet (HTML) - Analog Devices


MAX4373 Product details

Features
• Integrated Current-Sensing Solution Simplifies High-
Side Current Monitoring
• Current-Sense Amplifier plus Internal Comparator
and Bandgap Reference with Improved Accuracy
• 1mV (max) Input Offset Voltage
• 2% (max) Full-Scale Accuracy
• Internal Bandgap Reference (±1.6% Accuracy)
• High Accuracy +2V to +28V Common-Mode Range,
Functional Down to 0V, Independent of Supply
Voltage Ensures Current Monitoring Even In Deep
Discharge of Battery Pack
• Low Power Consumption Extends Battery Life
• 50μA Supply Current
• Single +2.7V to +28V Operating Supply
• Latching Comparator Output Eliminates Oscillation
• Three Gain Versions (+20V/V, +50V/V,
+100V/V) Support Different Size Battery Packs




Similar Part No. - MAX4373

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373 Datasheet
366Kb / 12P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Rev 0; 3/00
MAX4373 MAXIM-MAX4373 Datasheet
300Kb / 13P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
MAX4373FESA MAXIM-MAX4373FESA Datasheet
366Kb / 12P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Rev 0; 3/00
MAX4373FESA+ MAXIM-MAX4373FESA+ Datasheet
300Kb / 13P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
MAX4373FEUA MAXIM-MAX4373FEUA Datasheet
366Kb / 12P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Rev 0; 3/00
More results


Similar Description - MAX4373

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
MAX4373 MAXIM-MAX4373 Datasheet
366Kb / 12P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Rev 0; 3/00
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
Low cost high-side current sense amplifier
26-Jun-2008
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
logo
Linear Technology
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373_V01 Datasheet
300Kb / 13P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com