Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6100 Datasheet (PDF) - Analog Devices

LT6100 Datasheet PDF - Analog Devices
Part # LT6100
Download  LT6100 Download
File Size   337.43 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Current Sense Amplifier, Reference and Comparators with POR

LT6100 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT6100 Datasheet PDF - Analog Devices

Part # LT6100
Download  LT6100 Click to download

File Size   337.43 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Current Sense Amplifier, Reference and Comparators with POR

LT6100 Datasheet (HTML) - Analog Devices


LT6100 Product details

Features
n Current Sense Amplifier
– Fast Step Response: 500ns
– Low Offset Voltage: 200μV Maximum
– Low Gain Error: 0.2% Maximum
n Internal 400mV Precision Reference
n Internal Latching Comparators
– Power-On Reset Capability
– Fast Response Time: 500ns
– Total Threshold Error: ±1.25% Maximum
– Two Comparator Polarity Options
n Wide Supply Range: 2.7V to 60V
n Supply Current: 550μA
n Specified for –40°C to 125°C Temperature Range
n Available in 10-Lead MSOP Package




Similar Part No. - LT6100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6100 LINER-LT6100 Datasheet
257Kb / 16P
Precision, Gain Selectable High Side Current Sense Amplifier
LT6100 LINER-LT6100 Datasheet
244Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
LT6100 LINER-LT6100 Datasheet
940Kb / 24P
High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT6100 LINER-LT6100 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
LT6100 LINER-LT6100 Datasheet
1Mb / 18P
Precision, Gain Selectable High Side Current Sense Amplifier
More results


Similar Description - LT6100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
2Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
MAX34406 MAXIM-MAX34406_12 Datasheet
1Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
logo
Linear Technology
LT6118 LINER-LT6118_15 Datasheet
349Kb / 24P
Current Sense Amplifier, Reference and Comparator with POR
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6109-1 LINER-LT6109-1_15 Datasheet
323Kb / 28P
High Side Current Sense Amplifier with Reference and Comparators
LT6109-2 LINER-LT6109-2_15 Datasheet
323Kb / 28P
High Side Current Sense Amplifier with Reference and Comparators
LT6118 LINER-LT6118 Datasheet
218Kb / 6P
High Side Current Sense Amplifier with Reference and Comparator with POR Capability
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com