Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX34406 Datasheet (PDF) - Maxim Integrated Products

MAX34406 Datasheet PDF - Maxim Integrated Products
Part # MAX34406
Download  MAX34406 Download
File Size   2057.15 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad Current-Sense Amplifier with Overcurrent Threshold Comparators

MAX34406 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX34406 Datasheet PDF - Maxim Integrated Products

Part # MAX34406
Download  MAX34406 Click to download

File Size   2057.15 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad Current-Sense Amplifier with Overcurrent Threshold Comparators

MAX34406 Datasheet (HTML) - Maxim Integrated Products


MAX34406 Product details

General Description
The MAX34406 is a quad, high-side, unidirectional, current-sense amplifier that offers precision accuracy. It provides analog outputs for each of the four amplifiers that can be routed to an external ADC, and contains four overcurrent comparators with a fixed 1.0V threshold. All four comparators are logically ORed, and the result can be delayed/filtered with an external capacitor before it is fed to a latched common shutdown open-drain output pin.

Features
♦ Four Precision Current-Sense Amplifiers
♦ Fixed Gains of 25V/V, 50V/V, 100V/V, and 200V/V
♦ Less Than ±600µV of Input Offset
♦ Less Than ±0.6% of Gain Error (T/F/H) or ±0.8% of Gain Error (W)
♦ Wide 2.0V to 28V Common Mode Range
♦ Analog Voltage Outputs for Each Amplifier
♦ Independent Overcurrent Comparators with Fixed 1.0V Threshold
♦ Low Power Consumption
♦ -40°C to +85°C Temperature Range
♦ Small 24-Pin TQFN (4mm x 4mm) Package

Applications
    Network Switches/Routers
    Base Stations
    Servers
    Smart Grid Network Systems
    Industrial Controls




Similar Part No. - MAX34406

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
1Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
logo
Analog Devices
MAX34406 AD-MAX34406 Datasheet
1Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1 1/12
logo
Maxim Integrated Produc...
MAX34406EVKIT MAXIM-MAX34406EVKIT Datasheet
1Mb / 7P
Evaluation Kit
Rev 0; 11/11
MAX34406EVKIT# MAXIM-MAX34406EVKIT# Datasheet
1Mb / 7P
Evaluation Kit
Rev 0; 11/11
logo
Analog Devices
MAX34406FETG+ AD-MAX34406FETG+ Datasheet
1Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1 1/12
More results


Similar Description - MAX34406

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2901F ROHM-BA2901F Datasheet
294Kb / 6P
GROUND SENSE QUAD VOLTAGE COMPARATORS
BA10339F ROHM-BA10339F Datasheet
253Kb / 5P
GROUND SENSE QUAD VOLTAGE COMPARATORS
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406_12 Datasheet
1Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
LT6109-1 LINER-LT6109-1_15 Datasheet
323Kb / 28P
High Side Current Sense Amplifier with Reference and Comparators
LT6109-2 LINER-LT6109-2_15 Datasheet
323Kb / 28P
High Side Current Sense Amplifier with Reference and Comparators
logo
Texas Instruments
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
Overcurrent-Protection, Current-Sense Comparator
INA302 TI1-INA302 Datasheet
153Kb / 6P
Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com