Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX34406 Datasheet (PDF) - Analog Devices

MAX34406 Datasheet PDF - Analog Devices
Part # MAX34406
Download  MAX34406 Download
File Size   1994.31 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Current-Sense Amplifier with Overcurrent Threshold Comparators

MAX34406 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX34406 Datasheet PDF - Analog Devices

Part # MAX34406
Download  MAX34406 Click to download

File Size   1994.31 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Current-Sense Amplifier with Overcurrent Threshold Comparators

MAX34406 Datasheet (HTML) - Analog Devices


MAX34406 Product details

Features
S Four Precision Current-Sense Amplifiers
S Fixed Gains of 25V/V, 50V/V, 100V/V, and 200V/V
S Less Than ±600μV of Input Offset
S Less Than ±0.6% of Gain Error (T/F/H) or ±0.8% of
Gain Error (W)
S Wide 2.0V to 28V Common Mode Range
S Analog Voltage Outputs for Each Amplifier
S Independent Overcurrent Comparators with Fixed
1.0V Threshold
S Low Power Consumption
S -40NC to +85NC Temperature Range
S Small 24-Pin TQFN (4mm x 4mm) Package




Similar Part No. - MAX34406

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
2Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
MAX34406 MAXIM-MAX34406 Datasheet
1Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
MAX34406EVKIT MAXIM-MAX34406EVKIT Datasheet
1Mb / 7P
Evaluation Kit
Rev 0; 11/11
MAX34406EVKIT# MAXIM-MAX34406EVKIT# Datasheet
1Mb / 7P
Evaluation Kit
Rev 0; 11/11
MAX34406FETG+ MAXIM-MAX34406FETG+ Datasheet
2Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
More results


Similar Description - MAX34406

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2901F ROHM-BA2901F Datasheet
294Kb / 6P
GROUND SENSE QUAD VOLTAGE COMPARATORS
BA10339F ROHM-BA10339F Datasheet
253Kb / 5P
GROUND SENSE QUAD VOLTAGE COMPARATORS
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
2Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
MAX34406 MAXIM-MAX34406_12 Datasheet
1Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
LT6109-1 LINER-LT6109-1_15 Datasheet
323Kb / 28P
High Side Current Sense Amplifier with Reference and Comparators
LT6109-2 LINER-LT6109-2_15 Datasheet
323Kb / 28P
High Side Current Sense Amplifier with Reference and Comparators
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
153Kb / 6P
Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com