Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7203 Datasheet (PDF) - STMicroelectronics

L7203 Datasheet PDF - STMicroelectronics
Part # L7203
Download  L7203 Download
File Size   170.21 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED

L7203 Datasheet (PDF)

Go To PDF Page Download Datasheet
L7203 Datasheet PDF - STMicroelectronics

Part # L7203
Download  L7203 Click to download

File Size   170.21 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED

L7203 Datasheet (HTML) - STMicroelectronics


L7203 Product details

DESCRIPTION
The L7203 SPINDLE MOTOR IC includes a three phase brushless spindle motor controller and the power stage in switching mode. The device is designed for both 5V and 12V OPTICAL DRIVE application requiring up to 1.8A peak of current.
The device is realized in BCD5, a 0.7 µm Mixed technology.

■ SMOOTH DRIVE™ SYSTEM
■ 1.8A DRIVE PEAK CAPABILITY
■ SLEW RATE CONTROL
■ INDUCTIVE SENSE START-UP ROUTINE
■ THERMAL SHUTDOWN
■ SUITABLE FOR 5V AND 12V APPLICATION
■ ONLY ONE HALL SENSOR IS REQUIRED




Similar Part No. - L7203

ManufacturerPart #DatasheetDescription
logo
Legrand North America, ...
L720 LEGRAND-L720  Datasheet
978Kb / 4P
Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
logo
STMicroelectronics
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Sep-1999
logo
Intel Corporation
L7200 INTEL-L7200 Datasheet
1Mb / 91P
Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
STMicroelectronics
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
Dual mode disk drive spindle and VCM motor driver
20-Apr-2006
L7208 STMICROELECTRONICS-L7208 Datasheet
52Kb / 3P
Portable consumer electronics spindle and VCM motor controller
21-Sep-2006
More results


Similar Description - L7203

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8727 FAIRCHILD-FAN8727 Datasheet
480Kb / 24P
Spindle 4-CH Motor Drive IC
FAN8422G FAIRCHILD-FAN8422G Datasheet
358Kb / 10P
Floppy Disk Drive Spindle Motor Driver
logo
International Rectifier
IRAMS06UP60B IRF-IRAMS06UP60B Datasheet
407Kb / 18P
Plug N Drive Integrated Power Module for Appliance Motor Drive
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
Spindle/Voice Coil Motor Drive IC
logo
Fairchild Semiconductor
FAN8729 FAIRCHILD-FAN8729 Datasheet
487Kb / 24P
Spindle4-CH Motor Drive IC
logo
Renesas Technology Corp
M63016FP RENESAS-M63016FP Datasheet
4Mb / 21P
Spindle Motor AND 4CH ACTUATOR Drive IC
logo
Fairchild Semiconductor
FAN8727 FAIRCHILD-FAN8727_04 Datasheet
567Kb / 24P
Spindle 4-CH Motor Drive IC
logo
International Rectifier
IRAMS10UP60APBF IRF-IRAMS10UP60APBF Datasheet
639Kb / 17P
Plug N Drive??Integrated Power Module for Appliance Motor Drive
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
Disk drive spindle and VCM motor driver
24-Dec-2007
logo
International Rectifier
IRAMS10UP60A IRF-IRAMS10UP60A_05 Datasheet
413Kb / 17P
PLUG N DRIVE INTEGRATED POWER MODULE FOR APPLIANCE MOTOR DRIVE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com