Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7203 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L7203
Description  SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7203 Datasheet(HTML) 4 Page - STMicroelectronics

  L7203 Datasheet HTML 1Page - STMicroelectronics L7203 Datasheet HTML 2Page - STMicroelectronics L7203 Datasheet HTML 3Page - STMicroelectronics L7203 Datasheet HTML 4Page - STMicroelectronics L7203 Datasheet HTML 5Page - STMicroelectronics L7203 Datasheet HTML 6Page - STMicroelectronics L7203 Datasheet HTML 7Page - STMicroelectronics L7203 Datasheet HTML 8Page - STMicroelectronics L7203 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DC ELECTRICAL CHARACTERISTICS ( VCC = 5V; VM = 12V; Tamb = 25°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VCC
Supply 5V operating range
4.25
5.75
V
VM
Supply 12V operating range
(note 1)
10.2
13.8
V
VM
Supply 5V operating range
4.25
5.75
V
IVcc
VCC Supply Current
VCC = 5.75; fsys = 20MHz STB = 0
(bias pin open)
STB =1
1.3
20
mA
mA
VVM
VM Supply Current
VM = 13.8
STB = 0
STB =1
1
7
mA
mA
PWMIN, PHS, PRS, Fsys
ViL
Input Low Voltage
1
V
ViH
Input High Voltage
2.2
V
ViHYS
Input Hysteresis
100
mV
Iz
Leakage Current
VCC = 5.75
-10
+10
µA
STB
ViL
Input Low Voltage
1
V
ViH
Input High Voltage
2.2
V
VOL
Open Drain Output
IOL = 2mA VCC = 4.25V
0.4
V
ViHYS
Input Hysteresis
100
mV
Iz
Leakage Current
VCC = 5.75, Therm off
-10
+10
µA
HFG
VOL
Open Drain Output
IOL = 2mA
VCC = 5V
0.4
V
Iz
Leakage Current
VCC = 5.75, HFG hiz
-10
+10
µA
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-pins
Thermal Resistance Junction to Pins
Max.
16
°C/W
Rth j-amb
Thermal Resistance Junction to Ambient
Max.
90
°C/W
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Tamb
Ambient Temperature
-20 to 80
°C
Top
Operating Temperature
0 to 150
°C
Tsmin
Minimum Thermal Circuit Threshold
140
°C
VM
-0.3 to 15
Vdc
VCC
-0.3 to 7
Vdc
U, V, W, (low side drive =off)
-0.3 to 17
Vdc
PWMIN, PHS, FSYS, TEST, STB, HFG, BIAS, H+, H-, RF1,
RF, ISR, PORPin
-0.3 to VCC+0.3
Vdc
PD1
Power dissipation at sustained operation with a package Rthj-amb
at 90°C
1W
ESD
Susceptibility
2000
Vac
TSTG
Storage Temperature
-55 to 150
°C
IOLHFG
HFG open drain current
10
mA
IPeak
Motor Peak Current
1.8
A
L7203
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com