Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7203 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L7203
Description  SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7203 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L7203 Datasheet HTML 5Page - STMicroelectronics L7203 Datasheet HTML 6Page - STMicroelectronics L7203 Datasheet HTML 7Page - STMicroelectronics L7203 Datasheet HTML 8Page - STMicroelectronics L7203 Datasheet HTML 9Page - STMicroelectronics L7203 Datasheet HTML 10Page - STMicroelectronics L7203 Datasheet HTML 11Page - STMicroelectronics L7203 Datasheet HTML 12Page - STMicroelectronics L7203 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.00
0.079
A1
0.05
0.002
A2
1.65
1.75
1.85
0.060
0.079
B (2)
0.22
0.38
0.009
0.015
C
0.09
0.25
0.003
0.01
D (1)
7.9
8.2
8.5
0.31
0.32
0.33
E
7.4
7.8
8.2
0.29
0.30
0.32
E1 (1)
5.0
5.3
5.6
0.20
0.21
0.22
e
0.65
0.025
L
0.55
0.75
0.95
0.022
0.029
0.004
L1
1.25
0.05
k
0˚ (min), 4˚ (typ), 8˚ (max)
ddd
0.1
0.004
(1) “D and E1” dimensions do not include mold flash or protu-
sions, but do include mold mismatch and are mesaured at
datum plane “H”. Mold flash or protusions shall not exceed
0.20mm in total (both side).
(2) “B” dimension does not include dambar protusion/intrusion.
SSO24
0053237
Be
A2
A
11
2
13
24
D
L
L1
E1
C
E
K
SSO24ME
SEATING
PLANE
C
A1
ddd
C
0.25mm
GAGE PLANE
DATUM
PLANE
H
Shrink Small Outline Package
L7203
12/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com