Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAT1505K10R0FST1 Datasheet (PDF) - Vishay Siliconix

PAT1505K10R0FST1 Datasheet PDF - Vishay Siliconix
Part # PAT1505K10R0FST1
Download  PAT1505K10R0FST1 Download
File Size   110.03 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating

PAT1505K10R0FST1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAT1505K10R0FST1 Datasheet PDF - Vishay Siliconix

Part # PAT1505K10R0FST1
Download  PAT1505K10R0FST1 Click to download

File Size   110.03 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating

PAT1505K10R0FST1 Datasheet (HTML) - Vishay Siliconix


PAT1505K10R0FST1 Product details

FEATURES
• Resistance range: 2.5  to 3 M
• AEC-Q200 qualified
• AEC-Q200 ESD rated class 1C (2 kV)
• Laser trimmed to any value
• Moisture resistant to MIL-STD-202, method 202
• Tantalum nitride resistor film on high purity
alumina substrate
• 100 % visual inspected per MIL-PRF-55342
• Laser-trimmed tolerances to ± 0.1 %
• Load life stability < 0.05 % at 1000 h at 70 °C
• Very low noise and voltage coefficient
(< -30 dB, < 0.1 ppm/V)
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - PAT1505K10R0FST1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAT1505K10R0FST1 VISHAY-PAT1505K10R0FST1 Datasheet
88Kb / 3P
Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
25-Aug-10
More results


Similar Description - PAT1505K10R0FST1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAT VISHAY-PAT Datasheet
88Kb / 3P
Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
25-Aug-10
VMN-PT9192-1302 VISHAY-VMN-PT9192-1302 Datasheet
635Kb / 2P
Automotive Qualified Professional and Precision Thin Film Chip Resistors
21-Jan-13
PATT VISHAY-PATT Datasheet
94Kb / 4P
Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified
17-Sep-13
PAT VISHAY-PAT_15 Datasheet
104Kb / 4P
Precision Automotive Thin Film Chip Resistors,AEC-Q200 Qualified, 2 kV ESD Rating
07-Sep-15
logo
TE Connectivity Ltd
3521 TEC-3521 Datasheet
264Kb / 7P
SMD POWER RESISTORS AEC-Q200 QUALIFIED
3522 TEC-3522 Datasheet
269Kb / 7P
SMD POWER RESISTORS - AEC-Q200 QUALIFIED
logo
Vishay Siliconix
PATT VISHAY-PATT_V01 Datasheet
96Kb / 4P
Precision Automotive High Temperature (155 °C at Full Rated Power) Thin Film Chip Resistor, AEC-Q200 Qualified
08-Mar-2021
PAT VISHAY-PAT_V01 Datasheet
107Kb / 4P
Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, Hi-Rel COTS
28-Jun-2021
PHPA VISHAY-PHPA Datasheet
123Kb / 5P
High Power Thin Film Wraparound Chip Resistor AEC-Q200 Qualified
27-May-2021
CHA VISHAY-CHA Datasheet
175Kb / 12P
AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
27-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com