Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6102CDD Datasheet (PDF) - Analog Devices

LTC6102CDD Datasheet PDF - Analog Devices
Part # LTC6102CDD
Download  LTC6102CDD Download
File Size   397.0 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Zero Drift Current Sense Amplifier

LTC6102CDD Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6102CDD Datasheet PDF - Analog Devices

Part # LTC6102CDD
Download  LTC6102CDD Click to download

File Size   397.0 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Zero Drift Current Sense Amplifier

LTC6102CDD Datasheet (HTML) - Analog Devices


LTC6102CDD Product details

Features
n Supply Range:
4V to 60V, 70V Maximum (LTC6102)
5V to 100V, 105V Maximum (LTC6102HV)
n ±10μV Input Offset Maximum
n ±50nV/°C Input Offset Drift Maximum
n Fast Response: 1μs Step Response
n Gain Configurable with Two Resistors
n Low Input Bias Current: 3nA Maximum
n PSRR 130dB Minimum
n Output Currents up to 1mA
n Operating Temperature Range: –40°C to 125°C
n Disable Mode (LTC6102-1 Only): 1μA Maximum
n Available in 8-Lead MSOP and 3mm × 3mm
DFN Packages




Similar Part No. - LTC6102CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102CDD LINER-LTC6102CDD Datasheet
250Kb / 20P
Precision Zero Drift Current Sense Amplifi er
LTC6102CDD-PBF LINER-LTC6102CDD-PBF Datasheet
250Kb / 20P
Precision Zero Drift Current Sense Amplifi er
LTC6102CDD-TR LINER-LTC6102CDD-TR Datasheet
250Kb / 20P
Precision Zero Drift Current Sense Amplifi er
LTC6102CDD-TRPBF LINER-LTC6102CDD-TRPBF Datasheet
250Kb / 20P
Precision Zero Drift Current Sense Amplifi er
More results


Similar Description - LTC6102CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
Precision Zero Drift Current Sense Amplifi er
logo
Analog Devices
AD8417 AD-AD8417 Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8418A AD-AD8418A Datasheet
424Kb / 17P
Bidirectional, Zero Drift, Current Sense Amplifier
5/2018-Rev. B to Rev. C
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
Zero-Drift, Bi-directional Current Sense Amplifier
logo
Analog Devices
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com