Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78M00 Datasheet (PDF) - STMicroelectronics

L78M00 Datasheet PDF - STMicroelectronics
Part # L78M00
Download  L78M00 Download
File Size   173.44 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description POSITIVE VOLTAGE REGULATORS

L78M00 Datasheet (PDF)

Go To PDF Page Download Datasheet
L78M00 Datasheet PDF - STMicroelectronics

Part # L78M00
Download  L78M00 Click to download

File Size   173.44 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description POSITIVE VOLTAGE REGULATORS

L78M00 Datasheet (HTML) - STMicroelectronics


L78M00 Product details

DESCRIPTION

The L78M00 series of three-terminal positive regulators is available in TO-220, TO-220FP,

DPAK and IPAK packages and with several fixed output voltages, making it useful in a wide range of applications. These regulators can provide local on-card regulation, eliminating the distribution

problems associated with single point regulation. Each type employs internal current limiting,

thermal shut-down and safe area protection, making it essentially indestructible. If adequate

heat sinking is provided, they can deliver over 0.5A output current. Although designed primarily

as fixed voltage regulators, these devices can be used with external components to obtain

adjustable voltage and currents.



■ OUTPUT CURRENT TO 0.5A

■ OUTPUT VOLTAGES OF 5; 6; 8; 9; 12; 15; 18; 20; 24V

■ THERMAL OVERLOAD PROTECTION

■ SHORT CIRCUIT PROTECTION

■ OUTPUT TRANSITION SOA PROTECTION




Similar Part No. - L78M00

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L78M00 SANYO-L78M00 Datasheet
230Kb / 8P
5 to 24V 0.5A 3-Pin Voltage Regulators
logo
STMicroelectronics
L78M00 STMICROELECTRONICS-L78M00 Datasheet
1Mb / 21P
POSITIVE VOLTAGE REGULATORS
January 2004
L78M00 STMICROELECTRONICS-L78M00 Datasheet
493Kb / 30P
Positive voltage regulators
29-Nov-2006
L78M00AB STMICROELECTRONICS-L78M00AB Datasheet
203Kb / 17P
PRECISION 500mA REGULATORS
Oct-2003
L78M00AC STMICROELECTRONICS-L78M00AC Datasheet
203Kb / 17P
PRECISION 500mA REGULATORS
Oct-2003
More results


Similar Description - L78M00

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com