Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305A Datasheet (PDF) - STMicroelectronics

L9305A Datasheet PDF - STMicroelectronics
Part # L9305A
Download  L9305A Download
File Size   119.66 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL HIGH CURRENT RELAY DRIVER

L9305A Datasheet (PDF)

Go To PDF Page Download Datasheet
L9305A Datasheet PDF - STMicroelectronics

Part # L9305A
Download  L9305A Click to download

File Size   119.66 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL HIGH CURRENT RELAY DRIVER

L9305A Datasheet (HTML) - STMicroelectronics


L9305A Product details

DESCRIPTION
The L9305A is a monolithic interface circuit with differential input comparator and open collector output able to sink high current specifically to drive relays, lamps, d.c. motors.
Particular care has been taken to protect the device against destructive failures - short circuit of outputs to VS, output overvoltages, supply overvoltage.
A built in thermal shut-down switches off the device when theIC’sinternal dissipation becomes too great and the chip temperature exceeds a set security threshold.
A hysteresis input comparator increases the interface’s noise immunity, allowing the correct use also in critical environments as automotive or industrial applications.

■ HIGH OUTPUT CURRENT
■ HYSTERESIS INPUT COMPARATOR WITH
   WIDE RANGE COMMON MODE OPERATION
   AND GROUND COMPATIBLE INPUTS
■ INPUT COMPARATOR HYSTERESIS
■ INTERNAL THERMAL PROTECTION WITH HYSTERESIS
■ INTERNAL OUTPUT OVERVOLTAGE CLAMPING
■ SINGLE SUPPLY VOLTAGE (3.5V up to 18V)




Similar Part No. - L9305A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9305 STMICROELECTRONICS-L9305 Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
L9305 STMICROELECTRONICS-L9305 Datasheet
4Mb / 107P
Automotive 4-channel valve driver
04-Jun-2024
L9305EP STMICROELECTRONICS-L9305EP Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
L9305EP STMICROELECTRONICS-L9305EP Datasheet
4Mb / 107P
Automotive 4-channel valve driver
04-Jun-2024
L9305EP-TR STMICROELECTRONICS-L9305EP-TR Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
More results


Similar Description - L9305A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C918 NSC-MM74C918 Datasheet
153Kb / 6P
Dual CMOS 30V Relay Driver
logo
List of Unclassifed Man...
G8JR ETC-G8JR Datasheet
36Kb / 2P
Automotive High Current Relay
logo
National Semiconductor ...
DS3686 NSC-DS3686 Datasheet
130Kb / 6P
Dual Positive Voltage Relay Driver
logo
Gamewell-FCI by Honeywe...
HRU GAMEWELL-FCI-HRU Datasheet
52Kb / 1P
High Current Relay Unit
logo
Infineon Technologies A...
TLE4247 INFINEON-TLE4247 Datasheet
289Kb / 14P
Constant Current Relay Driver
Rev. 1.01, May 2010
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-0820 AVAGO-ACPL-0820 Datasheet
390Kb / 10P
High Current Dual Line-Driver IC 1.5 APP driving current
logo
Infineon Technologies A...
TLE4247EL30 INFINEON-TLE4247EL30 Datasheet
1Mb / 14P
Constant Current Relay Driver
Rev. 1.0, 2013-06-18
logo
American Electronic Com...
DG86 AEC-DG86 Datasheet
399Kb / 2P
high current automotive relay
logo
Willow Technologies Ltd
DG86 WILLOW-DG86 Datasheet
399Kb / 2P
high current automotive relay
logo
OEN India Limited
OEN84H OENINDIA-OEN84H Datasheet
452Kb / 2P
HIGH CURRENT RELAY
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com