Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet (PDF) - STMicroelectronics

L9305 Datasheet PDF - STMicroelectronics
Part # L9305
Download  L9305 Download
File Size   1083.33 Kbytes
Page   107 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 4-channel valve driver

L9305 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9305 Datasheet PDF - STMicroelectronics

Part # L9305
Download  L9305 Click to download

File Size   1083.33 Kbytes
Page   107 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 4-channel valve driver

L9305 Datasheet (HTML) - STMicroelectronics


L9305 Product details

Description
The L9305 is a configurable, monolithic solenoid driver IC designed for the control
of linear solenoids for automatic transmission, electronic stability control, and active
suspension applications. The four channels can be configured as either low side
or high side drivers in any combination. The device includes the power transistor,
recirculation transistor and current sensing for both the power and recirculation
transistor. This architecture guarantees redundancy of the current measurement for
each channel.
The regulated current is programmable in the range of 0-1.5 A (normal range), with a
resolution of 0.25 mA, or 0-2 A (extended range), with a resolution of 0.33 mA. The
user can superimpose configurable dither modulation over the set point current.

Features
• AEC-Q100 qualified
• 4-channel independent LSD/HSD current controlled drivers
– Integrated current sense path
– Current accuracy (in normal range)
◦ ± 5 mA in 0 to 0.5 A range
◦ ± 1% in 0.5 A to 1.5 A range
– Current accuracy (in extended range)
◦ ± 15 mA in 0 to 0.3 A range
◦ ± 5% in 0.3 A to 0.5 A range
◦ ± 4% in 0.5 A to 2 A range
– Max driver RDSON 375 mΩ @ 175 °C
– 13-bit current set-point resolution
– Variable and fixed frequency current control
– Programmable dither function
– Selectable driver slew rate control
• Safety features
– High side fail safe ENABLE switch pre-driver with VDS monitoring
– Redundant safe enable path
– Advanced diagnosis and monitoring using BIST
– Temperature sensor and monitoring
– Redundant current sensing for all channels
– Calibration & configuration memory including CRC
– Secure serial communications using address feedback, 5-bit CRC, frame
counter & long/short frame detection
– Register verification
• 32-bit SPI communications with 5-bit CRC message verification
• Package options: PWSSO36, TQFP48
• Full ISO26262 compliant, ASIL-D systems ready




Similar Part No. - L9305

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9305 STMICROELECTRONICS-L9305 Datasheet
4Mb / 107P
Automotive 4-channel valve driver
04-Jun-2024
L9305A STMICROELECTRONICS-L9305A Datasheet
119Kb / 6P
DUAL HIGH CURRENT RELAY DRIVER
Jan-1992
L9305EP STMICROELECTRONICS-L9305EP Datasheet
4Mb / 107P
Automotive 4-channel valve driver
04-Jun-2024
L9305EP-TR STMICROELECTRONICS-L9305EP-TR Datasheet
4Mb / 107P
Automotive 4-channel valve driver
04-Jun-2024
L9305QFP STMICROELECTRONICS-L9305QFP Datasheet
4Mb / 107P
Automotive 4-channel valve driver
04-Jun-2024
More results


Similar Description - L9305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
4 CHANNEL DRIVER MOTOR DRIVER
logo
STMicroelectronics
L9374 STMICROELECTRONICS-L9374 Datasheet
218Kb / 10P
Four channel valve driver
31-Jul-2007
logo
Texas Instruments
TPS61194-Q1 TI1-TPS61194-Q1 Datasheet
613Kb / 35P
High-Performance 4-Channel LED Driver for Automotive Lighting
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
2Mb / 25P
Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
Automotive Single-Channel LED Driver
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
Automotive Single-Channel LED Driver
logo
NXP Semiconductors
PCA85276 NXP-PCA85276 Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCA8576F NXP-PCA8576F Datasheet
428Kb / 54P
Automotive 40 횞 4 LCD driver
Rev. 3-3 December 2014
logo
Maxim Integrated Produc...
MAX25014 MAXIM-MAX25014 Datasheet
936Kb / 46P
Automotive Low Input Voltage I2C 4-Channel 150mA Backlight Driver
2020
logo
STMicroelectronics
L9374LF STMICROELECTRONICS-L9374LF Datasheet
1Mb / 80P
Four channel valve driver
30-Oct-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com