Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC080SMB120SDT/RM Datasheet (PDF) - Microchip Technology

MSC080SMB120SDT/RM Datasheet PDF - Microchip Technology
Part # MSC080SMB120SDT/RM
Download  MSC080SMB120SDT/RM Download
File Size   1846.92 Kbytes
Page   13 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200V, 80 mΩ N-Channel mSiC™ MOSFET

MSC080SMB120SDT/RM Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC080SMB120SDT/RM Datasheet PDF - Microchip Technology

Part # MSC080SMB120SDT/RM
Download  MSC080SMB120SDT/RM Click to download

File Size   1846.92 Kbytes
Page   13 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200V, 80 mΩ N-Channel mSiC™ MOSFET

MSC080SMB120SDT/RM Datasheet (HTML) - Microchip Technology


MSC080SMB120SDT/RM Product details

Features
• Low capacitances and low gate charge
• Fast switching speed due to low internal gate resistance (ESR)
• Stable operation at high junction temperature, TJ(max) = 175 °C
• Fast and reliable body diode
• Superior avalanche ruggedness (100% UIS production tested)
• RoHS compliant

Applications
• Photovoltaic (PV) inverter, converter, and industrial motor drives
• Smart grid transmission and distribution
• Induction heating and welding
• Hybrid Electric Vehicle (HEV) powertrain and Electric Vehicle (EV)
charger
• Power supply and distribution




Similar Part No. - MSC080SMB120SDT/RM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC080SMB120B MICROCHIP-MSC080SMB120B Datasheet
1Mb / 13P
1200V, 80 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC080SMB120B4N MICROCHIP-MSC080SMB120B4N Datasheet
1,002Kb / 12P
1200V, 80 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC080SMB120B4NVAO MICROCHIP-MSC080SMB120B4NVAO Datasheet
1,002Kb / 12P
1200V, 80 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC080SMB120BVAO MICROCHIP-MSC080SMB120BVAO Datasheet
1Mb / 13P
1200V, 80 mΩ N-Channel mSiC™ MOSFET
12/2025
More results


Similar Description - MSC080SMB120SDT/RM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0603DPN-A0 RENESAS-RJK0603DPN-A0 Datasheet
513Kb / 7P
N-Channel MOSFET 60 V, 80 A, 5.2 mΩ
2020.1.9
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
N0605N RENESAS-N0605N Datasheet
676Kb / 7P
N-channel MOSFET 60 V, 80 A, 8.5 mΩ
2019.9.30
logo
Nexperia B.V. All right...
BUK9K30-80E NEXPERIA-BUK9K30-80E Datasheet
273Kb / 12P
Dual N-channel 80 V, 30 mΩ logic level MOSFET
12 May 2018
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
logo
Nexperia B.V. All right...
PSMN012-80PS NEXPERIA-PSMN012-80PS Datasheet
728Kb / 13P
N-channel 80 V 11 mΩ standard level MOSFET
Rev. 02 - 25 June 2009
PSMN5R0-80PS NEXPERIA-PSMN5R0-80PS Datasheet
731Kb / 13P
N-channel 80 V 4.7 mΩ standard level MOSFET
Rev. 02 - 23 June 2009
PSMN8R2-80YS NEXPERIA-PSMN8R2-80YS Datasheet
728Kb / 14P
N-channel LFPAK 80 V 8.5 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
PSMN018-80YS NEXPERIA-PSMN018-80YS Datasheet
830Kb / 15P
N-channel LFPAK 80 V 18 mΩ standard level MOSFET
Rev. 02 - 28 October 2010
PSMN050-80PS NEXPERIA-PSMN050-80PS Datasheet
343Kb / 15P
N-channel 80 V 46 mΩ standard level MOSFET
Rev. 2 - 28 November 2011
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com