Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC080SMB120SDT/RM Datasheet(PDF) 1 Page - Microchip Technology

Part # MSC080SMB120SDT/RM
Description  1200V, 80 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMB120SDT/RM Datasheet(HTML) 1 Page - Microchip Technology

  MSC080SMB120SDT/RM Datasheet HTML 1Page - Microchip Technology MSC080SMB120SDT/RM Datasheet HTML 2Page - Microchip Technology MSC080SMB120SDT/RM Datasheet HTML 3Page - Microchip Technology MSC080SMB120SDT/RM Datasheet HTML 4Page - Microchip Technology MSC080SMB120SDT/RM Datasheet HTML 5Page - Microchip Technology MSC080SMB120SDT/RM Datasheet HTML 6Page - Microchip Technology MSC080SMB120SDT/RM Datasheet HTML 7Page - Microchip Technology MSC080SMB120SDT/RM Datasheet HTML 8Page - Microchip Technology MSC080SMB120SDT/RM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS00005735B - 1
Product Overview
1200V, 80 mΩ typical at VGS = 18V, 98 mΩ typical at VGS = 15V, Silicon Carbide (SiC) N-Channel MOSFET, TO-263
7-lead XL with a source sense.
1 2
3
4
5
6
7
GATE
SOURCE SENSE
SOURCE
DRAIN
(PIN 2)
(FUSED PINS 3, 4, 5, 6, 7)
(BACKSIDE TAB)
(PIN 1)
BACKSIDE
TAB
Table 1. Ordering Information
Catalog Part Number (CPN)
Package
Packing Media (Qty.)
Qualification
MSC080SMB120SDT/R
TO-263 7-lead XL
Tape and Reel (800)
Industrial
MSC080SMB120SDT/RM
Mini Tape and Reel (100)
MSC080SMB120SDT/RVAO
TO-263 7-lead XL
Tape and Reel (800)
AEC-Q101
MSC080SMB120SDT/RMVAO
Mini Tape and Reel (100)
Features
•
Low capacitances and low gate charge
•
Fast switching speed due to low internal gate resistance (ESR)
•
Stable operation at high junction temperature, TJ(max) = 175 °C
•
Fast and reliable body diode
•
Superior avalanche ruggedness (100% UIS production tested)
•
RoHS compliant
Benefits
•
High efficiency to enable lighter and more compact system
•
Simple to drive and easy to parallel
•
Improved thermal capabilities and lower switching losses
•
Eliminates the need for external freewheeling diode
•
Lower system cost of ownership
Applications
•
Photovoltaic (PV) inverter, converter, and industrial motor drives
•
Smart grid transmission and distribution
•
Induction heating and welding
•
Hybrid Electric Vehicle (HEV) powertrain and Electric Vehicle (EV)
charger
•
Power supply and distribution
1200V, 80 mΩ N-Channel mSiC™ MOSFET
MSC080SMB120SD


Similar Part No. - MSC080SMB120SDT/RM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC080SMB120B MICROCHIP-MSC080SMB120B Datasheet
1Mb / 13P
1200V, 80 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC080SMB120B4N MICROCHIP-MSC080SMB120B4N Datasheet
1,002Kb / 12P
1200V, 80 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC080SMB120B4NVAO MICROCHIP-MSC080SMB120B4NVAO Datasheet
1,002Kb / 12P
1200V, 80 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC080SMB120BVAO MICROCHIP-MSC080SMB120BVAO Datasheet
1Mb / 13P
1200V, 80 mΩ N-Channel mSiC™ MOSFET
12/2025
More results

Similar Description - MSC080SMB120SDT/RM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0603DPN-A0 RENESAS-RJK0603DPN-A0 Datasheet
513Kb / 7P
N-Channel MOSFET 60 V, 80 A, 5.2 mΩ
2020.1.9
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
N0605N RENESAS-N0605N Datasheet
676Kb / 7P
N-channel MOSFET 60 V, 80 A, 8.5 mΩ
2019.9.30
logo
Nexperia B.V. All right...
BUK9K30-80E NEXPERIA-BUK9K30-80E Datasheet
273Kb / 12P
Dual N-channel 80 V, 30 mΩ logic level MOSFET
12 May 2018
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
logo
Nexperia B.V. All right...
PSMN012-80PS NEXPERIA-PSMN012-80PS Datasheet
728Kb / 13P
N-channel 80 V 11 mΩ standard level MOSFET
Rev. 02 - 25 June 2009
PSMN5R0-80PS NEXPERIA-PSMN5R0-80PS Datasheet
731Kb / 13P
N-channel 80 V 4.7 mΩ standard level MOSFET
Rev. 02 - 23 June 2009
PSMN8R2-80YS NEXPERIA-PSMN8R2-80YS Datasheet
728Kb / 14P
N-channel LFPAK 80 V 8.5 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
PSMN018-80YS NEXPERIA-PSMN018-80YS Datasheet
830Kb / 15P
N-channel LFPAK 80 V 18 mΩ standard level MOSFET
Rev. 02 - 28 October 2010
PSMN050-80PS NEXPERIA-PSMN050-80PS Datasheet
343Kb / 15P
N-channel 80 V 46 mΩ standard level MOSFET
Rev. 2 - 28 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com