Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5711R Datasheet (PDF) - Analog Devices

AD5711R Datasheet PDF - Analog Devices
Part # AD5711R
Download  AD5711R Download
File Size   5690.3 Kbytes
Page   59 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-channel 12-/16-bit Configurable IDAC/VDAC with On-Chip Reference

AD5711R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5711R Datasheet PDF - Analog Devices

Part # AD5711R
Download  AD5711R Click to download

File Size   5690.3 Kbytes
Page   59 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-channel 12-/16-bit Configurable IDAC/VDAC with On-Chip Reference

AD5711R Datasheet (HTML) - Analog Devices


AD5711R Product details

FEATURES
► Octal channel, configurable as any combination of VDAC or
IDAC
► Guaranteed monotonicity : ±1 LSB16 Max DNL
► 50mA output current drive for IDAC and VDAC modes
► 70mV max headroom for VDAC mode
► 0.25V max headroom for IDAC mode
► 2.5V internal voltage reference, 3ppm/°C typical
► Device addressable SPI interface
► Output supply range: +1.71V to +5.5V
► Diagnostic monitoring for output voltage, output current, and die
temperature
► Ultra small form factor: 2.1mm × 2.2mm, 25-ball WLCSP
► Operating temperature range: −40 °C to +125 °C




Similar Part No. - AD5711R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
10-Bit A/D Converter
AD571 AD-AD571 Datasheet
563Kb / 9P
10-Bit A/D Converter
4/12-Rev. A to Rev. B
AD5710R AD-AD5710R Datasheet
5Mb / 56P
8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
Rev. 0
AD5710RBCBZ-RL7 AD-AD5710RBCBZ-RL7 Datasheet
5Mb / 56P
8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
Rev. 0
AD571J AD-AD571J Datasheet
295Kb / 8P
10-Bit A/D Converter
More results


Similar Description - AD5711R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5623R AD-AD5623R Datasheet
1Mb / 28P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
12/06-Rev. 0 to Rev. A
AD5624R AD-AD5624R Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
11/06-Rev. 0 to Rev A
AD5629R AD-AD5629R Datasheet
1Mb / 32P
Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5629R AD-AD5629R_18 Datasheet
1Mb / 30P
Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
6/2018-Rev. E to Rev. F
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com