Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL31610 Datasheet (PDF) - Analog Devices

ADPL31610 Datasheet PDF - Analog Devices
Part # ADPL31610
Download  ADPL31610 Download
File Size   789.74 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT

ADPL31610 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL31610 Datasheet PDF - Analog Devices

Part # ADPL31610
Download  ADPL31610 Click to download

File Size   789.74 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT

ADPL31610 Datasheet (HTML) - Analog Devices


ADPL31610 Product details

FEATURES
 Fixed Frequency 1.2MHz/2.2MHz Operation
 Very Low Noise: 1mVP-P Output Ripple
 –5V at 350mA from 5V Input
 –12V at 150mA from 5V Input
 Uses Small Surface Mount Components
 Wide Input Range: 2.6V to 16V
 Low Shutdown Current: 2μA (max)
 Low VCESAT Switch: 400mV at 1A
 Low Profile (1mm) ThinSOTTM Package




Similar Part No. - ADPL31610

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL12002 AD-ADPL12002 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLA AD-ADPL12002AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLB AD-ADPL12002AFLB Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003 AD-ADPL12003 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003AFLA AD-ADPL12003AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
More results


Similar Description - ADPL31610

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com