Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5420 Datasheet (PDF) - Analog Devices

ADRF5420 Datasheet PDF - Analog Devices
Part # ADRF5420
Download  ADRF5420 Download
File Size   591.53 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz

ADRF5420 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5420 Datasheet PDF - Analog Devices

Part # ADRF5420
Download  ADRF5420 Click to download

File Size   591.53 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz

ADRF5420 Datasheet (HTML) - Analog Devices


ADRF5420 Product details

FEATURES
► Frequency range: 1GHz to 90GHz
► Low insertion loss
► 1.2dB typical to 40GHz
► 1.7dB typical to 67GHz
► 3.0dB typical to 90GHz
► High Isolation
► 42dB typical up to 40GHz
► 40dB typical up to 67GHz
► 30dB typical up to 90GHz
► High input linearity
► P0.1dB: 24dBm typical
► IP3: 45dBm typical
► High RF input power handling
► Through path: 24dBm maximum
► Hot switching: 21dBm maximum
► No low frequency spurs
► CMOS- and LVTTL-compatible
► Fast switching on time and off time (50% VCTRL to 90% of RF
output): 15ns
► RF settling time, 0.1dB (50% VCTRL to 0.1dB of final RF output):
35ns
► Single-supply operation capability (VDD = 3.3V and VSS = 0V)
► 30-ball, 1.56mm × 2.04mm, bumped, bare die sales




Similar Part No. - ADRF5420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5422 AD-ADRF5422 Datasheet
587Kb / 13P
Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5422BCZ AD-ADRF5422BCZ Datasheet
587Kb / 13P
Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5422BCZ-GP AD-ADRF5422BCZ-GP Datasheet
587Kb / 13P
Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5422BCZ-SX AD-ADRF5422BCZ-SX Datasheet
587Kb / 13P
Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5424 AD-ADRF5424 Datasheet
643Kb / 12P
Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
Rev. PrD
More results


Similar Description - ADRF5420

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7112 PASTERNACK-PE7112 Datasheet
242Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1GHz 2GHz SWITCH TYPE: SPDT
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
logo
Analog Devices
ADRF5021 AD-ADRF5021 Datasheet
356Kb / 12P
Silicon SPDT Switch
Rev. A
ADRF5027 AD-ADRF5027 Datasheet
357Kb / 13P
Silicon SPDT Switch, Nonreflective
7/2018-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5301 AD-ADRF5301_V01 Datasheet
753Kb / 10P
Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com