Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5422BCZ-GP Datasheet (PDF) - Analog Devices

ADRF5422BCZ-GP Datasheet PDF - Analog Devices
Part # ADRF5422BCZ-GP
Download  ADRF5422BCZ-GP Download
File Size   587.86 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz

ADRF5422BCZ-GP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5422BCZ-GP Datasheet PDF - Analog Devices

Part # ADRF5422BCZ-GP
Download  ADRF5422BCZ-GP Click to download

File Size   587.86 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz

ADRF5422BCZ-GP Datasheet (HTML) - Analog Devices


ADRF5422BCZ-GP Product details

FEATURES
► Ultrawideband frequency range: 100 MHz to 55 GHz
► Nonreflective design
► Low insertion loss
► 1.3 dB typical to 18 GHz
► 1.9 dB typical to 40 GHz
► 2.5 dB typical to 50 GHz
► 3.6 dB typical to 55 GHz
► High isolation
► 43 dB typical to 40 GHz
► 38 dB typical to 55 GHz
► High input linearity
► 0.1 dB power compression (P0.1dB): 31 dBm
► Third-order intercept (IP3): 53 dBm
► High power handling at TCASE = 85°C
► 30 dBm through path
► 24 dBm terminated path
► 30 dBm hot switching
► RF settling time (0.1 dB final RF output): 30 ns
► No low-frequency spurious signals
► All-off state control
► Positive control interface: CMOS-/LVTTL-compatible
► 15-pad, 3.021 mm × 2.305 mm bare die [CHIP]

APPLICATIONS
► Test and instrumentation
► Cellular infrastructure: 5G millimeterwave (mmW)
► Military radios, radars, and electronic countermeasures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)
► Industrial scanners




Similar Part No. - ADRF5422BCZ-GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5420 AD-ADRF5420 Datasheet
591Kb / 14P
Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
Rev. 0
ADRF5420BCDZ AD-ADRF5420BCDZ Datasheet
591Kb / 14P
Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
Rev. 0
ADRF5420BCDZ-R7 AD-ADRF5420BCDZ-R7 Datasheet
591Kb / 14P
Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
Rev. 0
ADRF5424 AD-ADRF5424 Datasheet
643Kb / 12P
Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
Rev. PrD
More results


Similar Description - ADRF5422BCZ-GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
10/2019-Rev. E to Rev. F
ADRF5424 AD-ADRF5424 Datasheet
643Kb / 12P
Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
Rev. PrD
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com