Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5422BCZ-GP Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5422BCZ-GP
Description  Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5422BCZ-GP Datasheet(HTML) 1 Page - Analog Devices

  ADRF5422BCZ-GP Datasheet HTML 1Page - Analog Devices ADRF5422BCZ-GP Datasheet HTML 2Page - Analog Devices ADRF5422BCZ-GP Datasheet HTML 3Page - Analog Devices ADRF5422BCZ-GP Datasheet HTML 4Page - Analog Devices ADRF5422BCZ-GP Datasheet HTML 5Page - Analog Devices ADRF5422BCZ-GP Datasheet HTML 6Page - Analog Devices ADRF5422BCZ-GP Datasheet HTML 7Page - Analog Devices ADRF5422BCZ-GP Datasheet HTML 8Page - Analog Devices ADRF5422BCZ-GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
ADRF5422
Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawideband frequency range: 100 MHz to 55 GHz
►
Nonreflective design
►
Low insertion loss
►
1.3 dB typical to 18 GHz
►
1.9 dB typical to 40 GHz
►
2.5 dB typical to 50 GHz
►
3.6 dB typical to 55 GHz
►
High isolation
►
43 dB typical to 40 GHz
►
38 dB typical to 55 GHz
►
High input linearity
►
0.1 dB power compression (P0.1dB): 31 dBm
►
Third-order intercept (IP3): 53 dBm
►
High power handling at TCASE = 85°C
►
30 dBm through path
►
24 dBm terminated path
►
30 dBm hot switching
►
RF settling time (0.1 dB final RF output): 30 ns
►
No low-frequency spurious signals
►
All-off state control
►
Positive control interface: CMOS-/LVTTL-compatible
►
15-pad, 3.021 mm × 2.305 mm bare die [CHIP]
APPLICATIONS
►
Test and instrumentation
►
Cellular infrastructure: 5G millimeterwave (mmW)
►
Military radios, radars, and electronic countermeasures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
►
Industrial scanners
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5422 is a nonreflective, SPDT switch manufactured in
the silicon process attached on a gallium arsenide (GaAs) carrier
substrate. The substrate incorporates the bond pads for chip and
wire assembly. The bottom of the device is metalized and connect-
ed to ground.
This device operates from 100 MHz to 55 GHz with a typical
insertion loss of 3.6 dB and isolation of 38 dB at 55 GHz. The
ADRF5422 has an RF input power handling capability of 30 dBm
for the through path, 24 dBm for the terminated path, and 30 dBm
for the hot switching.
The ADRF5422 requires a positive supply of +3.3 V and a negative
supply of −3.3 V. The device employs complementary metal-oxide
semiconductor (CMOS)-/low voltage transistor to transistor logic
(LVTTL)-compatible controls.
The ADRF5422 can operate with a single positive supply voltage
(VDD) applied while the negative supply voltage (VSS) is connected
to ground. In this operating condition, the small signal performance
is maintained while the switching characteristics, linearity, and pow-
er handling performance is derated. For more details, see Table 2.
The ADRF5422 is designed to match a characteristic impedance of
50 Ω and can operate from −40°C to +105°C.


Similar Part No. - ADRF5422BCZ-GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5420 AD-ADRF5420 Datasheet
591Kb / 14P
Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
Rev. 0
ADRF5420BCDZ AD-ADRF5420BCDZ Datasheet
591Kb / 14P
Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
Rev. 0
ADRF5420BCDZ-R7 AD-ADRF5420BCDZ-R7 Datasheet
591Kb / 14P
Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
Rev. 0
ADRF5424 AD-ADRF5424 Datasheet
643Kb / 12P
Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
Rev. PrD
More results

Similar Description - ADRF5422BCZ-GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
10/2019-Rev. E to Rev. F
ADRF5424 AD-ADRF5424 Datasheet
643Kb / 12P
Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
Rev. PrD
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com