Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS0306-1 Datasheet (PDF) - Mosel Vitelic, Corp

MSS0306-1 Datasheet PDF - Mosel Vitelic, Corp
Part # MSS0306-1
Download  MSS0306-1 Download
File Size   167.56 Kbytes
Page   19 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 3 VOICE ROM

MSS0306-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSS0306-1 Datasheet PDF - Mosel Vitelic, Corp

Part # MSS0306-1
Download  MSS0306-1 Click to download

File Size   167.56 Kbytes
Page   19 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 3 VOICE ROM

MSS0306-1 Datasheet (HTML) - Mosel Vitelic, Corp


MSS0306-1 Product details

Description
The MSS0306 is a monolithic CMOS VLSI ASIC that can memorize voice up to 3.5 seconds (at 6KHz S.R.) using MOSEL qualified coding method (MPCM-4) in 8 sections. Both the volume and pitch can be different for each entry each sentence. 3 versatile outputs are available through programmable logic array. Most of the necessary circuit are built in like oscillator, ROM, DAC and interface logic. Customer voice data will be edited and built in by mask programming during the device fabrication.

Features
■ Single power supply can operate at 2.4V through 4.5V.
■ Current output can drive 8 ohm speaker with a transistor.
■ The voice content is stored up to 3.5 seconds (5100h) and can be separated to 8 sections.
■ Five trigger input pins are provided. Each trigger pin can access a sentence instead of a simple section. A sentence is composed of one or more sections, or table entries.
■ Duration of sections with appended memory-less mute is up to 22 seconds (20000h).
■ Higher key priority is provided.
■ Last key priority is provided.
■ Up to 192 table entries for all sentences.
■ Auto ramp up / ramp down & sleep functions are built in.
■ Playnext OKY is provided optionally chipwise.
■ Continuous S.W.A.I. OKY is provided optionally chipwise.
■ Home S.W.A.I. OKY is provided optionally chipwise.
■ Off LED when Playing audio is provided optionally entrywise.
■ 3/6/12 Hz Ring LED when playing audio is provided optionally entrywise.
■ Dynamic flash LED when playing audio is provided optionally entrywise.
■ 3Hz fix flash LED when playing audio is provided optionally entrywise.
■ 6Hz fix flash LED when playing audio is provided optionally entrywise.
■ On LED when playing audio is provided optionally entrywise.
■ High busy when playing audio is provided optionally entrywise.
■ Low busy when playing audio is povided optionally entrywise.
■ DC high (when playing audio and lasting to next trigger) is provided optionally entrywise.
■ DC low(when playing audio and lasting to next trigger) is provided optionally entrywise.
■ Low Stop after playing audio is provided optionally entrywise.
■ High Stop after playing audio is provided optionally entrywise.
■ OKYs sentences could be different from those from TGS.
■ 8 loudness levels are provided entrywise.
■ 8 different pitches are provided entrywise.
■ Edge trigger is provided optionally triggerwise.
■ Level trigger is provided optionally triggerwise.
■ Holdable output by TG is provided optionally triggerwise.
■ Retriggerrable TG by itself is provided optionally triggerwise.
■ High trigger is provided optionally triggerwise.
■ Low trigger is provided optionally trigger wise.




Similar Part No. - MSS0306-1

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0306 MOSEL-MSS0306 Datasheet
45Kb / 1P
MSS0306 Emulation Board
More results


Similar Description - MSS0306-1

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
2.7 VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0307-1 MOSEL-MSS0307-1 Datasheet
384Kb / 39P
3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
MSS0317 MOSEL-MSS0317 Datasheet
140Kb / 1P
Variable pitch variable loudness 3 Voice ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
VOICE ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
21 Voice ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
32 Voice ROM
MSS4305 MOSEL-MSS4305 Datasheet
7Kb / 1P
43 Voice ROM
logo
OKI electronic componet...
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
3-Mbit Serial Voice ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com