Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS1506 Datasheet (PDF) - Mosel Vitelic, Corp

MSS1506 Datasheet PDF - Mosel Vitelic, Corp
Part # MSS1506
Download  MSS1506 Download
File Size   142.01 Kbytes
Page   8 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description VOICE ROM

MSS1506 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSS1506 Datasheet PDF - Mosel Vitelic, Corp

Part # MSS1506
Download  MSS1506 Click to download

File Size   142.01 Kbytes
Page   8 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description VOICE ROM

MSS1506 Datasheet (HTML) - Mosel Vitelic, Corp


MSS1506 Product details

General Description
The MSS1506 is a single-chip CMOS LSI ROM that can memorize voice up to 15 seconds using MOSEL qualified coding method (MPCM).
Four addressing interfaces are provided: CPU mode, Stand Alone mode, Ring Trigger mode and Table Trigger mode for versatile applications. The voice content can be stored separatly into 64 or 8 or 16 sections or 1 phrase with arbitary length. With minimum external components, this chip can be applied to various application. Customer voice is edited and programmed into ROM by changing one mask during fabrication.

Features
■ Single power can operate at 2.4 V through 6V.
■ Current output could drive 8 ohm speaker with a transistor, Vout could drive buzzer directly.
■ The voice content is stored up to 15 seconds and can be separated to 64 sections.
■ Duration of each section can be different.
■ Mute is available for each section up to 48 seconds totally.
■ A Forever Play function is available.
■ Four addressing interface modes are provided for versatile applications: CPU, Stand alone, Ring Trigger and Table Trigger.
■ Stand alone mode:
    8 sections can be accessed by 8 trigger input pins individually.
■ Table trigger mode:
    a. A phrase is accessed by TG0, low active.
    b. This phrase is composed of 16 elements contiguously as the table content.
    c. These 16 elements are chosen from 8 sections.
    d. Section is located and numbered by 0 through 7.
■ Ring trigger mode:
    a. A section-by-section phrase is accessed by TG0, low active.
    b. This phrase is composed of 16 element (section)s contiguously as the table content.
    c. Each single trigger plays next one element (section) following above sequence.
    d. These 16 elements are chosen from 8 sections.
    e. Section is located and numbered by 0 through 7.
■ CPU addressing mode:
    a. 64 sections can be accessed by 6 address bits with enable strobe trigger.
    b. Section is located and numbered by 0 through 63.
    c. The address bit is high true.
■ Mask option for either retriggerable output or not.
■ Mask option for either Level or Edge trigger type.
■ For all four modes, retrigger action restarts playing from the beginning.
■ One BUSY output signal is available.
■ Automatic power down function(selected by external input, pwr).




Similar Part No. - MSS1506

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS1507 MOSEL-MSS1507 Datasheet
384Kb / 39P
3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
MSS1507 MOSEL-MSS1507 Datasheet
8Kb / 1P
15 Voice VROM
More results


Similar Description - MSS1506

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
2.7 VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
3 VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
21 Voice ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
32 Voice ROM
MSS4305 MOSEL-MSS4305 Datasheet
7Kb / 1P
43 Voice ROM
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
3-Mbit Serial Voice ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com