Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1560 Datasheet (PDF) - Littelfuse

CPC1560 Datasheet PDF - Littelfuse
Part # CPC1560
Download  CPC1560 Download
File Size   328.1 Kbytes
Page   15 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 60V, 300mA, High Speed Normally Open Relay

CPC1560 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC1560 Datasheet PDF - Littelfuse

Part # CPC1560
Download  CPC1560 Click to download

File Size   328.1 Kbytes
Page   15 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 60V, 300mA, High Speed Normally Open Relay

CPC1560 Datasheet (HTML) - Littelfuse


CPC1560 Product details

Features
• Fast Turn-On:
100s max with recommended values of CEXT
250s max with no CEXT
• Active Current Limiting
• Thermal Shutdown
• 1.1mA Input Control Current
• Linear AC or DC Operation
• High Surge Capability
• Low Power Consumption
• Clean, Bounce-Free Switching
• Surface Mount Version Available
• Tape & Reel Packaging Available

Applications
• Security
• Instrumentation
• Battery Powered Systems
• Transportation, Railroad Controls
• 12V, 24V Systems

Description
The CPC1560 is a Single Pole, Normally Open
(1-Form-A) optically isolated MOSFET switch that
provides fast turn-on of loads up to 600mADC in the
DC-Only configuration or 300mArms in the AC/DC
configuration; active current-limiting circuitry; and
3750Vrms of input to output isolation.
Turn-on is minimized with the use of an optional
external storage capacitor that provides the necessary
charge required by the internal switching MOSFETs.
The device charges this capacitor through bootstrap
diodes from the load voltage thereby alleviating the
need for an additional power supply. A fast, but slightly
slower turn-on is available without the external charge
storage capacitor.
The CPC1560 incorporates current limiting and
thermal shutdown circuitry for improved survivability in
harsh environments and is designed to pass
regulatory voltage surge requirements when provided
with appropriate over-voltage protection.
Designed specifically for environmentally demanding
AC and DC applications where printed circuit board
space is at a premium and additional power supplies
are not available, the CPC1560 is an ideal solution.




Similar Part No. - CPC1560

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1560 CLARE-CPC1560 Datasheet
1Mb / 14P
Solid State Relay with Integrated Current Limit
CPC1560G CLARE-CPC1560G Datasheet
1Mb / 14P
Solid State Relay with Integrated Current Limit
CPC1560GS CLARE-CPC1560GS Datasheet
1Mb / 14P
Solid State Relay with Integrated Current Limit
CPC1560GSTR CLARE-CPC1560GSTR Datasheet
1Mb / 14P
Solid State Relay with Integrated Current Limit
More results


Similar Description - CPC1560

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
CPC1002N IXYS-CPC1002N Datasheet
171Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1014N IXYS-CPC1014N Datasheet
168Kb / 6P
60V, 400mA Normally-Open Single-Pole 4-Pin SOP Relay
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1018N IXYS-CPC1018N Datasheet
169Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com