Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6416CDDB#TRMPBF Datasheet (PDF) - Analog Devices

LTC6416CDDB#TRMPBF Datasheet PDF - Analog Devices
Part # LTC6416CDDB#TRMPBF
Download  LTC6416CDDB#TRMPBF Download
File Size   391.81 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 GHz Low Noise Differential 16-Bit ADC Buffer

LTC6416CDDB#TRMPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6416CDDB#TRMPBF Datasheet PDF - Analog Devices

Part # LTC6416CDDB#TRMPBF
Download  LTC6416CDDB#TRMPBF Click to download

File Size   391.81 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 GHz Low Noise Differential 16-Bit ADC Buffer

LTC6416CDDB#TRMPBF Datasheet (HTML) - Analog Devices


LTC6416CDDB#TRMPBF Product details

FEATURES
n 2GHz –3dB Small Signal Bandwidth
n 300MHz ±0.1dB Bandwidth
n 1.8nV/√Hz Output Noise
n 46.25dBm Equivalent OIP3 at 140MHz
n 40.25dBm Equivalent OIP3 Up to 300MHz
n –81dBc/–72dBc HD2/HD3 at 140MHz, 2VP-P Out
n –84.5dBc IM3 at 140MHz, 2VP-P Out Composite
n –74dBc/–67.5dBc HD2/HD3 at 300MHz, 2VP-P Out
n –72.5dBc IM3 at 300MHz, 2VP-P Out Composite
n Programmable High Speed, Fast Recovery
Output Clamping
n DC-Coupled Signal Path
n Operates on Single 2.7V to 3.9V Supply
n Low Power: 150mW on 3.6V
n 2mm × 3mm 10-Pin DFN Package




Similar Part No. - LTC6416CDDB#TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6416CDDB-TRMPBF LINER-LTC6416CDDB-TRMPBF Datasheet
385Kb / 20P
2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC6416CDDB-TRPBF LINER-LTC6416CDDB-TRPBF Datasheet
385Kb / 20P
2 GHz Low Noise Differential 16-Bit ADC Buffer
More results


Similar Description - LTC6416CDDB#TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6416 LINER-LTC6416 Datasheet
385Kb / 20P
2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC2217 LINER-LTC2217 Datasheet
1Mb / 32P
16-Bit, 105Msps Low Noise ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC6417 LINER-LTC6417 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6416 LINER-LTC6416_15 Datasheet
396Kb / 20P
2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC2217 LINER-LTC2217_15 Datasheet
1Mb / 32P
16-Bit, 105Msps Low Noise ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC6417 LINER-LTC6417_15 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver with Fast Clamp
logo
Analog Devices
LTC6417 AD-LTC6417 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
HMC6832 AD-HMC6832 Datasheet
924Kb / 23P
Low Noise, 2:8 Differential Fanout Buffer
1/2018-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com