Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4411 Datasheet (PDF) - Analog Devices

MAX4411 Datasheet PDF - Analog Devices
Part # MAX4411
Download  MAX4411 Download
File Size   523.16 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown

MAX4411 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4411 Datasheet PDF - Analog Devices

Part # MAX4411
Download  MAX4411 Click to download

File Size   523.16 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown

MAX4411 Datasheet (HTML) - Analog Devices


MAX4411 Product details

Features
♦ No Bulky DC-Blocking Capacitors Required
♦ Fixed -1.5V/V Gain Eliminates External Feedback
Network
MAX4411: -1.5V/V
MAX4411B: -2V/V
♦ Ground-Referenced Outputs Eliminate DC-Bias
Voltages on Headphone Ground Pin
♦ No Degradation of Low-Frequency Response Due
to Output Capacitors
♦ 80mW per Channel into 16Ω
♦ Low 0.003% THD+N
♦ High PSRR (86dB at 217Hz)
♦ Integrated Click-and-Pop Suppression
♦ 1.8V to 3.6V Single-Supply Operation
♦ Low Quiescent Current (5mA)
♦ Independent Left/Right, Low-Power
Shutdown Controls
♦ Short-Circuit and Thermal-Overload Protection
♦ ±8kV ESD-Protected Amplifier Outputs
♦ Available in Space-Saving Packages
16-Bump UCSP (2mm ✕ 2mm ✕ 0.6mm)
20-Pin Thin QFN (4mm ✕ 4mm ✕ 0.8mm)




Similar Part No. - MAX4411

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4411 MAXIM-MAX4411 Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX4411B MAXIM-MAX4411B Datasheet
623Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4411BEBE-T MAXIM-MAX4411BEBE-T Datasheet
623Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4411BETP MAXIM-MAX4411BETP Datasheet
623Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
More results


Similar Description - MAX4411

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4409 MAXIM-MAX4409 Datasheet
430Kb / 19P
80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Rev 1; 6/04
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX4409 MAXIM-MAX4409_V01 Datasheet
436Kb / 20P
80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense
19-2842; Rev 3; 6/09
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com