Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4447ESE Datasheet (PDF) - Analog Devices

MAX4447ESE Datasheet PDF - Analog Devices
Part # MAX4447ESE
Download  MAX4447ESE Download
File Size   329.2 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6500V/μs, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable

MAX4447ESE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4447ESE Datasheet PDF - Analog Devices

Part # MAX4447ESE
Download  MAX4447ESE Click to download

File Size   329.2 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6500V/μs, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable

MAX4447ESE Datasheet (HTML) - Analog Devices


MAX4447ESE Product details

Features
 6500V/μs Slew Rate (MAX4449)
 Small-Signal Bandwidth
430MHz (MAX4447)
330MHz (MAX4448)
400MHz (MAX4449)
 200MHz 0.1dB Gain Flatness (MAX4447)
 130mA Output Drive Current
 +2V/V Internally Fixed Gain (MAX4447)
 External Gain Selection
≥+2V/V (MAX4448)
≥+5V/V (MAX4449)
 -78dB SFDR at 100kHz
 Low Differential Gain/Phase: 0.01%/0.02°
 Ultra-Low Noise: 23nV/√Hz at fIN = 1MHz
 8ns Settling Time to 0.1%




Similar Part No. - MAX4447ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4447ESE MAXIM-MAX4447ESE Datasheet
324Kb / 12P
6500V/關s, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable
Rev 1; 10/99
More results


Similar Description - MAX4447ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4447 MAXIM-MAX4447 Datasheet
324Kb / 12P
6500V/關s, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable
Rev 1; 10/99
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
High-Speed Differential Line Drivers
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
MC3453 TI-MC3453 Datasheet
105Kb / 6P
QUAD LINE DRIVERS WITH COMMON ENABLE
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Semtech Corporation
SX1701A SEMTECH-SX1701A Datasheet
460Kb / 13P
Highly linear wideband LNA Single-channel, single-ended to differential conversion
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
Wideband, Differential, High Output Current Line Driver with Shutdown
Rev. 0
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
Wideband, Differential, High Output Current Line Driver with Shutdown
4/2017-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com