Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1501 Datasheet (PDF) - Maxim Integrated Products

DS1501 Datasheet PDF - Maxim Integrated Products
Part # DS1501
Download  DS1501 Download
File Size   277.64 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Y2K-Compliant Watchdog Real-Time Clocks

DS1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1501 Datasheet PDF - Maxim Integrated Products

Part # DS1501
Download  DS1501 Click to download

File Size   277.64 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Y2K-Compliant Watchdog Real-Time Clocks

DS1501 Datasheet (HTML) - Maxim Integrated Products


DS1501 Product details

GENERAL DESCRIPTION

The DS1501/DS1511 are full-function, year 2000-compliant real-time clock/calendars (RTCs) with an RTC alarm, watchdog timer, power-on reset, battery monitors, 256 bytes NV SRAM, and a 32.768kHz output. User access to all registers within the DS1501/DS1511 is accomplished with a byte-wide interface, as shown in Figure 8. The RTC registers contain century, year, month, date, day, hours, minutes, and seconds data in 24-hour binary-coded

decimal (BCD) format. Corrections for day of month and leap year are made automatically.



FEATURES

BCD-Coded Century, Year, Month, Date, Day, Hours, Minutes, and Seconds with Automatic Leap-Year Compensation Valid Up to the Year 2100

Programmable Watchdog Timer and RTC Alarm

Century Register; Y2K-Compliant RTC

+3.3 (W) or +5V (Y) Operation

Precision Power-On Reset

Power-Control Circuitry Support System

  Power-On from Date/Day/Time Alarm or Key

  Closure/Modem-Detect Signal

256 Bytes Battery-Backed SRAM

Auxiliary Battery Input

Accuracy of DS1511 Better than ±1 Minute/Month at +25°C

Day-of-Week/Date Alarm Register

Crystal Select Bit Allow RTC to Operate with 6pF or 12.6pF Crystal (DS1501)

Battery Voltage-Level Indicator Flags

Available as Chip (DS1501) or Stand-Alone

  Encapsulated DIP Module with Embedded

  Battery and Crystal (DS1511)



APPLICATIONS

Remote Systems

Battery-Backed Systems

Telecom Switches

Office Equipment

Consumer Electronics

Underwriters Laboratories (UL) Recognized




Similar Part No. - DS1501

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1501 DALLAS-DS1501 Datasheet
265Kb / 20P
Y2K-Compliant Watchdog Real-Time Clocks
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
448Kb / 22P
Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
logo
Power-One
DS1501-7R POWER-ONE-DS1501-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
Dallas Semiconductor
DS1501-DS1511 DALLAS-DS1501-DS1511 Datasheet
265Kb / 20P
Y2K-Compliant Watchdog Real-Time Clocks
logo
Maxim Integrated Produc...
DS1501W+ MAXIM-DS1501W+ Datasheet
448Kb / 22P
Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
More results


Similar Description - DS1501

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1501 DALLAS-DS1501 Datasheet
265Kb / 20P
Y2K-Compliant Watchdog Real-Time Clocks
logo
Texas Instruments
BQ3285LF TI-BQ3285LF Datasheet
150Kb / 22P
Y2K-Enhanced Real-Time Clock (RTC)
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
3V/5V Real-Time Clocks
REV: 032604
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
Real-Time Clocks
Rev 0; 4/06
DS1501 MAXIM-DS1501_09 Datasheet
448Kb / 22P
Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
Real-Time Clocks
Rev 1; 4/10
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
3V/5V Real-Time Clocks
Rev 10/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com